Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD32 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCD32
Description  3.0 AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCD32 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCD32_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCD32_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCD32 THRU SCD36
VOLTAGE 20V ~ 60V
3.0 AMP Surf ace Mount Schottky Barrier Rectifiers
2010
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability
High surge capacity
For using in low voltage high frequency switching power supply,
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarit y : Laser marking
Weight : 0.02 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
01-Jun-2002 Rev. A
Page 1 of 2
*
*
*
*
*
*
*
*
*
*
*
*
*
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Working Peak Reverse Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)
3.0
A
superimposed on rated load (JEDEC method)
IFSM
80
A
Maximum Instantaneous Forward Voltage at 3.0A (Note1)
VF
0.50
0.70
V
Maximum DC Reverse Current (Note1) Ta=25 C
C
。
0.5
at Rated DC Blocking Voltage Ta=100
。
IR
20
55
10
mA
R
θJA
20
20
20
SCD32
30
30
30
SCD33
40
40
40
SCD34
60
60
60
SCD36
UNITS
Peak Forward Surge Current, 8.3 ms single half sine-wave
Typical Thermal Resistance (Note 2)
RθJL
17
℃
/ W
Operating Temperature Range
TJ
-50 ~ +125
℃
Storage Temperature Range
TSTG
-65 ~ +150
℃
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.091(2.30)
R0.020(0.50)
0.083(2.10)
0.049(1.25)
0.033(0.85)
0.049(1.25)
0.033(0.85)
.181(4.60)
.002(0.05)
.173(4.40)
0.049(1.25)
0.033(0.85)
* Dimensions in inches and (millimeters)
℃
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCD32_15

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD320H ZOWIE-SCD320H Datasheet
195Kb / 2P
Schottky Barrier Diode
SCD320H ZOWIE-SCD320H Datasheet
195Kb / 2P
Schottky Barrier Diode
SCD32H ZOWIE-SCD32H Datasheet
202Kb / 2P
Schottky Barrier Diode
SCD32L ZOWIE-SCD32L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SCD32L SECOS-SCD32L Datasheet
608Kb / 2P
VOLTAGE 20V ~ 40V 3.0 AMP Low Vf SchottkyB arrier Rectifiers
More results

Similar Description - SCD32_15

ManufacturerPart #DatasheetDescription
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SK32 DGNJDZ-SK32 Datasheet
94Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36-60V-DO-214AB DGNJDZ-SS36-60V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36A-60V-SMAF DGNJDZ-SS36A-60V-SMAF Datasheet
311Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310-100V-DO-214AB DGNJDZ-SS310-100V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310A-100V-SMAF DGNJDZ-SS310A-100V-SMAF Datasheet
311Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310F-100V-SMAF DGNJDZ-SS310F-100V-SMAF Datasheet
319Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS320-200V-DO-214AB DGNJDZ-SS320-200V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
K32 YIXIN-K32 Datasheet
183Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK32 BYTESONIC-SK32 Datasheet
190Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2019/5/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com