Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD0803 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCD0803
Description  0.8 AMP Glass Passivated Ultra Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCD0803 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCD0803_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCD0803_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCD0803 THRU SCD0806
VOLTAGE 200V ~800V
0.8 AMP Glass Passivated Ultra Fast Recovery Rectifier
FEATURES
MECHANICAL DATA
Ratings at 25 oC ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
Maximum instantaneous forward voltage at 0.8 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25 oC
TA=125 oC
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
Operating junction and storage temperature range
SYMBOLS
VRRM
IFSM
VF
IR
trr
CJ
TJ,TSTG
SCD0803
SCD0804
SCD0805
SCD0806
15
0.96
2.50
1.30
1.70
5
50
35
10
-65 to +175
UNITS
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
200
140
200
800
560
800
600
420
600
400
280
400
Volts
Volts
Maximum average forward rectified current (SEE FIG.1)
I (AV)
0.8
Amps
Amps
uA
nS
pF
oC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
1206-S
Dimensions in inches and (millimeters)
01-Jun-2002 Rev. A
Page 1 of
2
Elektronische Bauelemente
0.138 (3.50)
0.002 (0.05)
R0.016
(0.40)
0.130 (3.30)
0.035 (0.90)
0.020 (0.50)
0.035 (0.90)
0.020 (0.50)
* RoHS Compliant Product
* Leadless chip form , no lead damage
* Lead-free solder Joint , No Wire bond & Lead Frame
* Low profile package
* For surface mounted applications
* Built-in strain relief
* Low power loss , High efficiency
* High current capability
* High surge capacity
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser marking
Weight : 0.012 gram
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
A suffix of "-C" indicates halogen-free & RoHS Compliant


Similar Part No. - SCD0803_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD0803 SECOS-SCD0803 Datasheet
627Kb / 2P
VOLTAGE 200V ~800V 0.8 AMP Glass Passivated Ultra Fast Recovery Rectifier
More results

Similar Description - SCD0803_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
Glass Passivated Ultra Fast Recovery Rectifier
UF20C01C-G COMCHIP-UF20C01C-G Datasheet
47Kb / 2P
Glass Passivated Ultra Fast Recovery Rectifier
logo
SeCoS Halbleitertechnol...
SCD0803 SECOS-SCD0803 Datasheet
627Kb / 2P
VOLTAGE 200V ~800V 0.8 AMP Glass Passivated Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
UF8A01 YENYO-UF8A01 Datasheet
950Kb / 2P
Glass Passivated Ultra Fast Recovery Rectifier
UF16C01C YENYO-UF16C01C Datasheet
683Kb / 2P
Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF YENYO-UF16C01CF Datasheet
671Kb / 2P
Glass Passivated Ultra Fast Recovery Rectifier
UF20C01CF YENYO-UF20C01CF Datasheet
845Kb / 2P
Glass Passivated Ultra Fast Recovery Rectifier
UF30P01 YENYO-UF30P01 Datasheet
674Kb / 2P
Glass Passivated Ultra Fast Recovery Rectifier
UF501G YENYO-UF501G Datasheet
662Kb / 2P
Glass Passivated Ultra Fast Recovery Rectifier
UF4002E YENYO-UF4002E Datasheet
646Kb / 2P
Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com