Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK140LP Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCK140LP
Description  Super Low VF Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCK140LP Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCK140LP_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCK140LP_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCK140LP
1 A, 40 V
Super Low VF Schottky Barrier Rectifiers
21-Dec-2012 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Super Low Forward Voltage
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Solderable per MIL-STD-202, method 208 guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MARKING CODE
PACKAGE INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
40
V
Maximum DC Blocking Voltage
VR
40
V
Average Forward Current @TJ=25°C
IF(AV)
1
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
15
A
Typical.
0.4
Instantaneous Forward Voltage
@ TJ=25°C
Maximum.
VF
0.45
V
TJ = 25°C
0.5
Maximum DC Reverse Current
At Rated DC Blocking Voltage
2
TJ = 75°C
IR
10
mA
Typical Junction Capacitance
1
CJ
78
pF
Typical Thermal Resistance
RθJC
230
°C/W
Operating Temperature Range
TJ
-50~125
°C
Storage temperature
TSTG
-50~150
°C
Notes:
1.
Measured at 1MHZ and applied reverse of 5V DC.
2.
Pulse Test : Pulse Width=300us, Duty Cycle=2%.
Package
MPQ
Leader Size
SOD-123
3K
7 inch
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.95
1.35
F
1.40
1.80
B
0.10 REF.
G
2.55
2.85
C
1.05
1.15
H
3.55
3.85
D
0.30
0.78
J
0.50 REF.
E
0.08
0.25
KC


Similar Part No. - SCK140LP_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCK140LP-C SECOS-SCK140LP-C Datasheet
149Kb / 2P
Super Low VF Schottky Barrier Rectifiers
More results

Similar Description - SCK140LP_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA120SL-HF COMCHIP-CDBA120SL-HF Datasheet
96Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
CDBC120SL-HF COMCHIP-CDBC120SL-HF Datasheet
97Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
CDBA120SL-G COMCHIP-CDBA120SL-G Datasheet
108Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
CDBB120SL-HF COMCHIP-CDBB120SL-HF Datasheet
97Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCK220LP SECOS-SCK220LP Datasheet
273Kb / 2P
Super Low VF Schottky Barrier Rectifiers
logo
Comchip Technology
CDBB120SL-HF COMCHIP-CDBB120SL-HF Datasheet
97Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
CDBA120SL-G COMCHIP-CDBA120SL-G Datasheet
108Kb / 4P
Super Low VF SMD Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCK120LP SECOS-SCK120LP_15 Datasheet
141Kb / 2P
Super Low VF Schottky Barrier Rectifiers
SCK220LP SECOS-SCK220LP_15 Datasheet
273Kb / 2P
Super Low VF Schottky Barrier Rectifiers
SCK140LP-C SECOS-SCK140LP-C Datasheet
149Kb / 2P
Super Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com