Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMARTINT1500 Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT1500
Description  SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT1500 Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMARTINT1500 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT1500 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
204
Battery Mode BTU / Hr. (Full Load)
435.8
AC Mode Efficiency Rating (100%
Load)
94%
COMMUNICATIONS
Communications Interface
DB9 Serial; Contact closure
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions; contact closure communications via 2nd DB9 port
(2 total)
PowerAlert Software
Included
Communications Cable
2 DB9 cables included
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
165
High Voltage Transfer to Battery
Power (Setpoint)
277
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Hot swappable batteries
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); CE; Tested to GOST (Russia); Tested to SASO (Saudi Arabia);
Tested to IRAM (Argentina)
UPS Certification Details
EMI approvals 62040
WARRANTY
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
4 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com