Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7701 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7701
Description  Power MOSFET(Vdss=-12V)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7701 Datasheet(HTML) 2 Page - International Rectifier

  IRF7701 Datasheet HTML 1Page - International Rectifier IRF7701 Datasheet HTML 2Page - International Rectifier IRF7701 Datasheet HTML 3Page - International Rectifier IRF7701 Datasheet HTML 4Page - International Rectifier IRF7701 Datasheet HTML 5Page - International Rectifier IRF7701 Datasheet HTML 6Page - International Rectifier IRF7701 Datasheet HTML 7Page - International Rectifier IRF7701 Datasheet HTML 8Page - International Rectifier IRF7701 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7701
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -1.5A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
52
78
ns
TJ = 25°C, IF = -1.5A
Qrr
Reverse RecoveryCharge
–––
53
80
nC
di/dt = 100A/µs
‚
Source-Drain Ratings and Characteristics
–––
–––
–––
–––
-80
-1.5
A
ƒ When mounted on 1 inch square copper board, t<10 sec
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.006 –––
V/°C
Reference to 25°C, ID = -1mA
–––
––– 0.011
VGS = -4.5V, ID = -10A
‚
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.015
VGS = -2.5V, ID = -8.5A
‚
–––
––– 0.022
VGS = -1.8V, ID = -7.0A
‚
VGS(th)
Gate Threshold Voltage
-0.45 –––
-1.2
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
21
–––
–––
S
VDS = -10V, ID = -10A
–––
–––
1.0
VDS = -12V, VGS = 0V
–––
–––
-25
VDS = -9.6V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -8.0V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 8.0V
Qg
Total Gate Charge
–––
69
100
ID = -8.0A
Qgs
Gate-to-Source Charge
–––
9.1
14
nC
VDS = -9.6V
Qgd
Gate-to-Drain ("Miller") Charge
–––
21
32
VGS = -4.5V
‚
td(on)
Turn-On Delay Time
–––
19
–––
VDD = -6.0V
tr
Rise Time
–––
20
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
240
–––
RD = 6.0Ω
tf
Fall Time
–––
220
–––
VGS = -4.5V
‚
Ciss
Input Capacitance
––– 5050 –––
VGS = 0V
Coss
Output Capacitance
––– 1520 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
––– 1120 –––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
IDSS
Drain-to-Source Leakage Current
nA
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com