Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856992 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856992
Description  1882.5 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856992 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856992 Datasheet HTML 1Page - TriQuint Semiconductor 856992 Datasheet HTML 2Page - TriQuint Semiconductor 856992 Datasheet HTML 3Page - TriQuint Semiconductor 856992 Datasheet HTML 4Page - TriQuint Semiconductor 856992 Datasheet HTML 5Page - TriQuint Semiconductor 856992 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
856992
1882.5 MHz SAW Filter
Data Sheet: Rev C 09/20/12
- 2 of 6 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -30 to +100 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
1882.5
-
MHz
Maximum Insertion Loss
1850 – 1915 MHz
-
1.9
2.5
dB
Amplitude Variation
(5)
1850 – 1915 MHz
-
0.3
1.2
dB p-p
Amplitude Variation
(5) (over 5 MHz window)
1850 – 1915 MHz
-
0.14
0.8
dB p-p
Temperature Drift
(6)
1850 – 1915 MHz
-
0.1
0.2
dB
Absolute Group Delay
1850 – 1915 MHz
-
10
15
ns
Group Delay Variation
1850 – 1915 MHz
-
6
15
ns p-p
Phase Ripple
1850 – 1915 MHz
-
14
30
◦
p-p
IIP3 (Tones 5 MHz separated, power > 5 dBm per
tone)
1850 – 1915 MHz
44
45
-
dBm
EVM (Any 3.84 MHz Channel )
1850 – 1915 MHz
-
0.5
1.0
%
Relative Attenuation
(7)
50 – 110 MHz
300 – 400 MHz
920 – 965 MHz
965 – 1300 MHz
1300 – 1635 MHz
1635 – 1700 MHz
1700 – 1790 MHz
2030 – 2090 MHz
2560 – 2635 MHz
4074 – 4162 MHz
4791 – 4879 MHz
35
35
35
25
25
25
10
20
43
20
20
77
55
43
38
34
38
25
32
45
44
36
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Input/Output VSWR
1850 – 1915 MHz
-
1.4/1.7
2:0
-
Source Impedance (single-ended)
(8)
-
50
-
Ω
Load Impedance (single-ended)
(8)
-
50
-
Ω
Notes:
1. All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4. Typical values are based on average measurements at room temperature
5. Amplitude Variation is defined as the difference between the lowest loss and the highest loss within defined frequency points
6. Temperature Drift specification is defined on Page 3 and is guaranteed by design and won’t be measured in production
7. Relative to insertion loss at Center Frequency
8. This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operable Temperature
-40 to +100
oC
Storage Temperature
-40 to +100
oC
Input Power
(9)
+22 dBm
9. Power handling is targeted for an applied CW modulated RF signal at 55 ºC for 125 hours
Operation of this device outside the parameter ranges given above may cause permanent damage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com