Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

857166 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 857166
Description  1000 MHz SAW Non Dispersive Delay Line
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857166 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  857166 Datasheet HTML 1Page - TriQuint Semiconductor 857166 Datasheet HTML 2Page - TriQuint Semiconductor 857166 Datasheet HTML 3Page - TriQuint Semiconductor 857166 Datasheet HTML 4Page - TriQuint Semiconductor 857166 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
857166
1000 MHz SAW Non Dispersive Delay Line
Preliminary Data Sheet: Rev - 6/28/12
- 1 of 5 -
Disclaimer: Subject to change without notice
© 2012TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Applications
•
RADAR processing and simulation
•
EW receivers
•
Communication systems
Product Features
Functional Block Diagram
Top view
•
Usable bandwidth 600 MHz
•
Low amplitude variation
•
No matching required for 50 ohm environment
•
Single-ended operation
•
Kovar 4 pin flatpack
•
Small Size
•
Dimensions: 1 x 0.5 x 0.2 in.
General Description
Pin Configuration
The 857166 is a high-performance non-dispersive SAW
delay line with a center frequency of 1000 MHz and a
usable bandwidth of 600 MHz. It is suitable for a wide
variety of applications, including RADAR and EW
receivers.
It features wide bandwidth with excellent attenuation, and
is designed to be used with a single ended input and output.
Pin # SE
Description
1
Input
2
Input Return
3
Output
4
Output Return
Ordering Information
Part No.
Description
857166
packaged part
Pin 1
Pin 2
Pin 4
Pin 3


Similar Part No. - 857166

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857162 TRIQUINT-857162 Datasheet
391Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
857162 TRIQUINT-857162_15 Datasheet
391Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
857163 TRIQUINT-857163 Datasheet
396Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
857163 TRIQUINT-857163_15 Datasheet
396Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
857164 TRIQUINT-857164 Datasheet
395Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
More results

Similar Description - 857166

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856649 TRIQUINT-856649_15 Datasheet
418Kb / 5P
2140 MHz SAW Delay Line
856717 TRIQUINT-856717_15 Datasheet
413Kb / 5P
1960 MHz SAW Delay Line
857162 TRIQUINT-857162_15 Datasheet
391Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
857163 TRIQUINT-857163_15 Datasheet
396Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
857164 TRIQUINT-857164_15 Datasheet
395Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
857165 TRIQUINT-857165_15 Datasheet
395Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
857167 TRIQUINT-857167_15 Datasheet
397Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
857168 TRIQUINT-857168_15 Datasheet
398Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
857169 TRIQUINT-857169_15 Datasheet
398Kb / 5P
1000 MHz SAW Non Dispersive Delay Line
logo
Microsemi Corporation
100865C MICROSEMI-100865C Datasheet
755Kb / 2P
RD100-40-40U- 100 MHz Dispersive Delay Line 40 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com