Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSMF4N80 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # KSMF4N80
Description  800V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMF4N80 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  KSMF4N80 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMF4N80 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMF4N80 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMF4N80 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMF4N80 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMF4N80 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMF4N80 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KSMF4N80
800V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supply.
Features
• 2.2A, 800V, RDS(on) = 3.6Ω @VGS = 10 V
• Low gate charge ( typical 19 nC)
• Low Crss ( typical 8.6 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
KSMF4N80
Units
VDSS
Drain-Source Voltage
800
V
ID
Drain Current
- Continuous (TC = 25°C)
2.2
A
- Continuous (TC = 100°C)
1.39
A
IDM
Drain Current
- Pulsed
(Note 1)
8.8
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
460
mJ
IAR
Avalanche Current
(Note 1)
2.2
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation (TC = 25°C)
43
W
- Derate above 25°C
0.34
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.9
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
3 5
!
!
!
"
"
"
3 5
!
!
!
"
"
"
S
D
G
TO-220F
2014-6-30
1
www.kersemi.com


Similar Part No. - KSMF4N80

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMF4N60 KERSEMI-KSMF4N60 Datasheet
1Mb / 6P
600V N-Channel MOSFET
KSMF4N65 KERSEMI-KSMF4N65 Datasheet
684Kb / 4P
Low gate charge.
KSMF4N90 KERSEMI-KSMF4N90 Datasheet
1Mb / 7P
900V N-Channel MOSFET
More results

Similar Description - KSMF4N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
800V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM3N80 KERSEMI-KSM3N80 Datasheet
1Mb / 6P
800V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF8N80 GOOD-ARK-SSF8N80_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF6N80F GOOD-ARK-SSF6N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF3N80F GOOD-ARK-SSF3N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR12N80ANG FOSTER-FIR12N80ANG Datasheet
2Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLH80R500SJ MAPLESMI-SLH80R500SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HM7N80 HMSEMI-HM7N80 Datasheet
333Kb / 8P
800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com