Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF940 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF940
Description  Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF940 Datasheet(HTML) 2 Page - International Rectifier

  IRF940 Datasheet HTML 1Page - International Rectifier IRF940 Datasheet HTML 2Page - International Rectifier IRF940 Datasheet HTML 3Page - International Rectifier IRF940 Datasheet HTML 4Page - International Rectifier IRF940 Datasheet HTML 5Page - International Rectifier IRF940 Datasheet HTML 6Page - International Rectifier IRF940 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF9410
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.024 –––
V/°C
Reference to 25°C, ID = 1mA
–––
0.024 0.030
VGS = 10V, ID = 7.0A
„
–––
0.032 0.040
Ω
VGS = 5.0V, ID = 4.0A
„
–––
0.037 0.050
VGS = 4.5V, ID = 3.5A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
–––
14
–––
S
VDS = 15V, ID = 7.0A
–––
–––
2.0
µA
VDS = 24V, VGS = 0V
–––
–––
25
VDS = 24V, VGS = 0V, TJ = 55°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
18
27
ID = 2.0A
Qgs
Gate-to-Source Charge
–––
2.4
3.6
nC
VDS = 15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
4.9
7.4
VGS = 10V, See Fig. 10
„
td(on)
Turn-On Delay Time
–––
7.3
15
VDD = 25V
tr
Rise Time
–––
8.3
17
ns
ID = 1.0A
td(off)
Turn-Off Delay Time
–––
23
46
RG = 6.0Ω, VGS = 10V
tf
Fall Time
–––
17
34
RD = 25Ω
„
Ciss
Input Capacitance
–––
550
–––
VGS = 0V
Coss
Output Capacitance
–––
260
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
100
–––
ƒ = 1.0MHz, See Fig. 9
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
0.78
1.0
V
TJ = 25°C, IS = 2.0A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
40
80
ns
TJ = 25°C, IF = 2.0A
Qrr
Reverse RecoveryCharge
–––
63
130
nC
di/dt = 100A/µs
ƒ
Source-Drain Ratings and Characteristics
–––
–––
–––
–––
37
2.8
A
S
D
G
… Surface mounted on FR-4 board, t ≤ 10sec.
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 4.6A, di/dt ≤ 120A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 6.6mH
RG = 25Ω, IAS = 4.6A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com