Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16633B Datasheet(PDF) 13 Page - NEC

Part # UPD16633B
Description  312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16633B Datasheet(HTML) 13 Page - NEC

Back Button UPD16633B Datasheet HTML 9Page - NEC UPD16633B Datasheet HTML 10Page - NEC UPD16633B Datasheet HTML 11Page - NEC UPD16633B Datasheet HTML 12Page - NEC UPD16633B Datasheet HTML 13Page - NEC UPD16633B Datasheet HTML 14Page - NEC UPD16633B Datasheet HTML 15Page - NEC UPD16633B Datasheet HTML 16Page - NEC UPD16633B Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
µµµµPD16633B
Electrical Specifications (TA = –10 to +75°C, VDD1 = 3.3 V
±±±± 0.3 V, VDD2 = 10.5 V ±±±± 0.5 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output Voltage Deviation
Note 1
∆VO
Input data
±5
±20
mV
Average Output Voltage
Variation
Note 2
∆VAV
Input data
±10
mV
Output Voltage Range
VO
Input data
0.1
VDD2 – 0.1
V
Logic Part Dynamic Current
Consumption
IDD1
VDD1, No loads
1.6
10.0
mA
Driver Part Dynamic Current
Consumption 1
Notes 3, 4
IDD21
VDD2 = 10.5 V
± 0.5 V, No loads
4.4
8.0
mA
Driver Part Dynamic Current
Consumption 1
Notes 3, 4
IDD22
VDD2 = 13.5 V
± 0.5 V, No loads
6.4
10.0
mA
Notes 1. The output voltage deviation refers to the voltage difference between adjoining output pins when the
display data is the same (within the chip).
2. The average output voltage variation refers to the average output voltage difference between chips.
The average output voltage refers to the average voltage between chips when the display data is the
same.
3. The STB cycle is defined to be 20
µs at fCLK = 40 MHz. The TYP. values refer to an all black or all white
input pattern. The MAX. value refers to the measured values in the dot checkerboard input pattern.
4. Refers to the current consumption per driver when cascades are connected under the assumption of
XGA single-sided mounting (10 units).
Switching Characteristics (TA = –10 to +75°C, VDD1 = 3.3 V
±±±± 0.3 V, VDD2 = 10.5 V ±±±± 0.5 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Start Pulse Delay Time
tPLH1
CL = 25 pF
10
15
ns
Driver Output Delay Time 1
tPLH2
CL = 50 pF, RL = 50 k
Ω
6.6
11
µs
Driver Output Delay Time 2
tPLH3
CL = 50 pF, RL = 50 k
Ω
10
17
µs
Driver Output Delay Time 3
tPHL2
CL = 50 pF, RL = 50 k
Ω
6.4
11
µs
Driver Output Delay Time 4
tPHL3
CL = 50 pF, RL = 50 k
Ω
9.1
17
µs
Input Capacitance 1
CI1
STHR (STHL) excluded,
TA = 25°C
6.4
15
pF
Input Capacitance 2
CI2
STHR (STHL),
TA = 25°C
6.3
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com