Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9952 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF9952
Description  Power MOSFET(Vdss=-30V)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9952 Datasheet(HTML) 2 Page - International Rectifier

  IRF9952 Datasheet HTML 1Page - International Rectifier IRF9952 Datasheet HTML 2Page - International Rectifier IRF9952 Datasheet HTML 3Page - International Rectifier IRF9952 Datasheet HTML 4Page - International Rectifier IRF9952 Datasheet HTML 5Page - International Rectifier IRF9952 Datasheet HTML 6Page - International Rectifier IRF9952 Datasheet HTML 7Page - International Rectifier IRF9952 Datasheet HTML 8Page - International Rectifier IRF9952 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF9952
… Surface mounted on FR-4 board, t ≤ 10sec.
Parameter
Min. Typ. Max. Units
Conditions
N-Ch 30
—
—
VGS = 0V, ID = 250µA
P-Ch -30
—
—
VGS = 0V, ID = -250µA
N-Ch
— 0.015
—
Reference to 25°C, ID = 1mA
P-Ch
— 0.015
—
Reference to 25°C, ID = -1mA
—
0.08 0.10
VGS = 10V, ID = 2.2A
„
—
0.12 0.15
VGS = 4.5V, ID = 1.0A
„
— 0.165 0.250
VGS = -10V, ID = -1.0A
„
— 0.290 0.400
VGS = -4.5V, ID = -0.50A
„
N-Ch 1.0
—
—
VDS = VGS, ID = 250µA
P-Ch -1.0
—
—
VDS = VGS, ID = -250µA
N-Ch
—
12
—
VDS = 15V, ID = 3.5A
„
P-Ch
—
2.4
—
VDS = -15V, ID = -2.3A
„
N-Ch
—
—
2.0
VDS = 24V, VGS = 0V
P-Ch
—
—
-2.0
VDS = -24V, VGS = 0V
N-Ch
—
—
25
VDS = 24V, VGS = 0V, TJ = 125°C
P-Ch
—
—
-25
VDS = -24V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
N-P
––
—
±100
VGS = ±20V
N-Ch
—
6.9
14
P-Ch
—
6.1
12
N-Ch
—
1.0
2.0
P-Ch
—
1.7
3.4
N-Ch
—
1.8
3.5
P-Ch
—
1.1
2.2
N-Ch
—
6.2
12
P-Ch
—
9.7
19
N-Ch
—
8.8
18
P-Ch
—
14
28
N-Ch
—
13
26
P-Ch
—
20
40
N-Ch
—
3.0
6.0
P-Ch
—
6.9
14
N-Ch
—
190
—
P-Ch
—
190
—
N-Ch
—
120
—
pF
P-Ch
—
110
—
N-Ch
—
61
—
P-Ch
—
54
—
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V
V/°C
Ω
V
S
µA
nC
ns
N-Channel
ID = 1.8A, VDS = 10V, VGS = 10V
„
P-Channel
ID = -2.3A, VDS = -10V, VGS = -10V
N-Channel
VDD = 10V, ID = 1.0A, RG = 6.0Ω,
RD = 10Ω
„
P-Channel
VDD = -10V, ID = -1.0A, RG = 6.0Ω,
RD = 10Ω
N-Channel
VGS = 0V, VDS = 15V, ƒ = 1.0MHz
P-Channel
VGS = 0V, VDS = -15V, ƒ = 1.0MHz
N-Ch
P-Ch
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
—
—
1.7
P-Ch
—
—
-1.3
N-Ch
—
—
16
P-Ch
—
—
16
N-Ch
—
0.82
1.2
TJ = 25°C, IS = 1.25A, VGS = 0V
ƒ
P-Ch
—
-0.82 -1.2
TJ = 25°C, IS = -1.25A, VGS = 0V
ƒ
N-Ch
—
27
53
P-Ch
—
27
54
N-Ch
—
28
57
P-Ch
—
31
62
Source-Drain Ratings and Characteristics
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode)

VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF =1.25A, di/dt = 100A/µs
P-Channel
„
TJ = 25°C, IF = -1.25A, di/dt = 100A/µs
‚ N-Channel ISD ≤ 2.0A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD ≤ -1.3A, di/dt ≤ 84A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 23 )
Notes:
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
ƒ N-Channel Starting TJ = 25°C, L = 22mH RG = 25Ω, IAS = 2.0A. (See Figure 12)
P-Channel Starting TJ = 25°C, L = 67mH RG = 25Ω, IAS = -1.3A.
nA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com