Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9953 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF9953
Description  Power MOSFET(Vdss=-30V, Rds(on)=0.25ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9953 Datasheet(HTML) 2 Page - International Rectifier

  IRF9953 Datasheet HTML 1Page - International Rectifier IRF9953 Datasheet HTML 2Page - International Rectifier IRF9953 Datasheet HTML 3Page - International Rectifier IRF9953 Datasheet HTML 4Page - International Rectifier IRF9953 Datasheet HTML 5Page - International Rectifier IRF9953 Datasheet HTML 6Page - International Rectifier IRF9953 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF9953
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
0.82
1.2
V
TJ = 25°C, IS = -1.25A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
27
54
ns
TJ = 25°C, IF = -1.25A
Qrr
Reverse RecoveryCharge
–––
31
62
nC
di/dt = -100A/µs
ƒ
Source-Drain Ratings and Characteristics
–––
–––
–––
–––
16
1.3
A
… Surface mounted on FR-4 board, t ≤ 10sec.
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ -1.3A, di/dt ≤ -92A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 67mH
RG = 25Ω, IAS = -1.3A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.015 –––
V/°C
Reference to 25°C, ID = -1mA
––– 0.165 0.250
VGS = 10V, ID = -1.0A
„
––– 0.290 0.400
VGS = 4.5V, ID = -0.50A
„
VGS(th)
Gate Threshold Voltage
-1.0
–––
–––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
–––
-2.4
–––
S
VDS = -15V, ID = -2.3A
–––
–––
-2.0
VDS = 24V, VGS = 0V
–––
–––
-25
VDS = 24V, VGS = 0V, TJ = 55°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = 20V
Qg
Total Gate Charge
–––
6.1
12
ID = -2.3A
Qgs
Gate-to-Source Charge
–––
1.7
3.4
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
1.1
2.2
VGS = -10V, See Fig. 10
„
td(on)
Turn-On Delay Time
–––
9.7
19
VDD = -10V
tr
Rise Time
–––
14
28
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
20
40
RG = 6.0
Ω
tf
Fall Time
–––
6.9
14
RD = 10
Ω „
Ciss
Input Capacitance
–––
190
–––
VGS = 0V
Coss
Output Capacitance
–––
120
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
61
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
S
D
G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com