Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B042004 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B042004
Description  4-Port 1U Rack-Mount USB-PS2 KVM Switch with On-Screen Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B042004 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B042004 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B042004 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-Port 1U Rack-Mount USB/PS2 KVM Switch with
On-Screen Display
MODEL NUMBER: B042-004
Description
Tripp Lite's NetController 4-Port, 1U rackmount KVM Switch is an affordable, highly-flexible enterprise class
KVM Switch, which allows the user to connect either USB or PS/2 keyboards and mice. In addition, P780-Series
USB/PS2 combo KVM cable kits allow you to connect either USB or PS/2 computers, without the need to
purchase separate cables or adapters. Control up to 4 directly connected computers, or expand the number of
connected computers to up to 244 by daisychaining up to 15 additional B042-Series KVM switches. Switch
between connected computers via the On-Screen Display (OSD), pushbuttons, or keyboard hotkey commands.
Other features include: password protection, auto-scanning, auto-logout, firmware upgrade and video support up
to 2048 x 1536 (QXGA). Mounts easily in a standard 19" rack/cabinet and includes all necessary mounting
hardware. Compatible with all major operating systems. Constructed of heavy-duty steel housing.
Features
NetController 4-Port, 1U rackmount KVM switch
Control 4 computers via a single VGA monitor and USB or PS/2 keyboard/mouse
P780-Series USB/PS2 combo KVM cable kits allow you to connect either USB or PS/2 computers, without the
need to purchase separate cables or adapters
Control up to 244 computers by daisychaining up to 15 additional B042-Series KVM switches
Allows for easy customization of ports by daisy-chaing any combination of B042-Series KVM's (4-, 8- or 16-port)
Standard 19" Rackmount size - hardware included
On-Screen Display (OSD) menu for intuitive operation and easy control
Switch between connected computers via the On-Screen Display (OSD), pushbuttons, or keyboard hotkey commands
Supports video resolution up to 2048 x 1536
Password protection and auto-logout features
Firmware upgradeable
Robust metal case design ensures best EMI/RFI shielding and video quality
Hot-swappable: disconnect and reconnect USB computers without rebooting
Supports standard 5-button Microsoft, Logitech, or comparable mice
Highlights
NetController 4-Port, 1U
rackmount KVM switch
Control 4 computers via a single
VGA monitor and USB or PS/2
keyboard/mouse
Control up to 244 computers by
daisychaining up to 15 additional
B042-Series KVM switches
P780-Series USB/PS2 combo
KVM cables kits allow you to
connect either USB or PS/2
computers, without the need to
purchase separate cables or
adapters
Compatible with all major
operating systems
Package Includes
B042-004 NetController 4-Port,
1U rackmount KVM switch
External power supply
Rackmount hardware
8 In. Daisychain cable ( for longer
daisy-chain cables, see Tripp Lite
P781 series cables)
Daisychain terminator
4 ft. HD15 to DB9 firmware
upgrade cable
CD with owner's manual and
quick start guide
Quick start guide
1 / 2


Similar Part No. - B042004

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B042004 E-SWITCH-B042004 Datasheet
20Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B042004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B042-004 ETC2-B042-004 Datasheet
486Kb / 4P
4-Port 1U Rackmount USB/PS2 KVM Switch with On-Screen Display
B042-008 ETC2-B042-008 Datasheet
487Kb / 4P
8-Port 1U Rackmount USB/PS2 KVM Switch with On-Screen Display
B042-016 ETC2-B042-016 Datasheet
487Kb / 4P
16-Port 1U Rackmount USB/PS2 KVM Switch with On-Screen Display
logo
Tripp Lite. All Rights ...
B007008 TRIPPLITE-B007008 Datasheet
476Kb / 2P
8-Port KVM Switch, 1U Rack-Mount, On-Screen Display, PS2
B042008 TRIPPLITE-B042008 Datasheet
480Kb / 2P
8-Port 1U Rack-Mount USB-PS2 KVM Switch with On-Screen Display
B042016 TRIPPLITE-B042016 Datasheet
479Kb / 2P
16-Port 1U Rack-Mount USB-PS2 KVM Switch with On-Screen Display
B007-008 TRIPPLITE-B007-008 Datasheet
474Kb / 2P
8-Port KVM Switch, 1U Rack-Mount, On-Screen Display
B042-004 TRIPPLITE-B042-004 Datasheet
158Kb / 4P
4-Port 1U Rack-Mount USB/PS2 KVM Switch with On-Screen Display
B042-008 TRIPPLITE-B042-008 Datasheet
158Kb / 4P
8-Port 1U Rack-Mount USB/PS2 KVM Switch with On-Screen Display
B042-016 TRIPPLITE-B042-016 Datasheet
159Kb / 4P
16-Port 1U Rack-Mount USB/PS2 KVM Switch with On-Screen Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com