Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS23N15D Datasheet(PDF) 9 Page - International Rectifier

Part # IRFS23N15D
Description  Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS23N15D Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFS23N15D Datasheet HTML 3Page - International Rectifier IRFS23N15D Datasheet HTML 4Page - International Rectifier IRFS23N15D Datasheet HTML 5Page - International Rectifier IRFS23N15D Datasheet HTML 6Page - International Rectifier IRFS23N15D Datasheet HTML 7Page - International Rectifier IRFS23N15D Datasheet HTML 8Page - International Rectifier IRFS23N15D Datasheet HTML 9Page - International Rectifier IRFS23N15D Datasheet HTML 10Page - International Rectifier IRFS23N15D Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRFB/IRFS/IRFSL23N15D
www.irf.com
9
D2Pak Package Outline
D2Pak Part Marking Information
10.16 (.400)
RE F .
6.47 (.2 55 )
6.18 (.2 43 )
2.61 (.1 03 )
2.32 (.0 91 )
8.89 (.350)
R E F .
- B -
1.3 2 (.05 2)
1.2 2 (.04 8)
2.7 9 (.110 )
2.2 9 (.090 )
1.39 (.055)
1.14 (.045)
5 .28 (.20 8)
4 .78 (.18 8)
4.69 (.1 85)
4.20 (.1 65)
10.54 (.415)
10.29 (.405)
- A -
2
1
3
15 .4 9 (.6 10)
14 .7 3 (.5 80)
3X
0.93 (.037)
0.69 (.027)
5 .08 (.20 0)
3X
1.40 (.0 55)
1.14 (.0 45)
1.7 8 (.07 0)
1.2 7 (.05 0)
1.4 0 (.055 )
M AX.
NO TE S:
1 DIM ENS IO NS A F T ER SO L D ER DIP.
2 DIM ENS IO NING & T O LE RA NCING PE R A N S I Y1 4.5M , 198 2.
3 CO NT RO L LIN G DIM ENSIO N : INCH.
4 HE AT SINK & L EA D DIM ENS IO NS DO NO T INCLUDE B URRS.
0.5 5 (.022 )
0.4 6 (.018 )
0 .25 (.01 0 )
M
B A M
M INIM U M RE CO M M E NDE D F O O TP R IN T
11.43 (.450)
8.89 (.3 50 )
17 .78 (.70 0)
3.81 (.15 0)
2 .08 (.08 2)
2X
LEAD ASSIG N M E N TS
1 - G A TE
2 - D R AIN
3 - S O U RC E
2.5 4 (.100 )
2 X
PAR T N U M B ER
IN TE RN ATIO NA L
RE CT IF IE R
L O G O
D A T E CO DE
(Y YW W )
YY = YEAR
WW = WE E K
A S SEM BL Y
L O T
C O D E
F530 S
9 B
1 M
9246
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com