Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD5713TK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PD5713TK
Description  WIDE BAND SPDT SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD5713TK Datasheet(HTML) 2 Page - Renesas Technology Corp

  PD5713TK Datasheet HTML 1Page - Renesas Technology Corp PD5713TK Datasheet HTML 2Page - Renesas Technology Corp PD5713TK Datasheet HTML 3Page - Renesas Technology Corp PD5713TK Datasheet HTML 4Page - Renesas Technology Corp PD5713TK Datasheet HTML 5Page - Renesas Technology Corp PD5713TK Datasheet HTML 6Page - Renesas Technology Corp PD5713TK Datasheet HTML 7Page - Renesas Technology Corp PD5713TK Datasheet HTML 8Page - Renesas Technology Corp PD5713TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet PU10627EJ01V0DS
2
μPD5713TK
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Pin No.
Pin Name
1
OUTPUT1
2
GND
3
OUTPUT2
4
Vcont
5
INPUT
(Top View)
1
2
34
5
6
(Bottom View)
6
5
43
2
1
(Top View)
1
2
34
5
6
6
VDD
TRUTH TABLE
Vcont
INPUT
−OUTPUT1
INPUT
−OUTPUT2
Low
OFF
ON
High
ON
OFF
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
−0.5 to +4.6
V
Switch Control Voltage
Vcont
−0.5 to +4.6
V
Voltage Difference
Vcont (H)
− VDD
+0.5
V
Input Power
Pin
+23
dBm
Operating Ambient Temperature
TA
−45 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
RECOMMENDED OPERATING RANGE (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
+1.8
+2.8
+3.6
V
Switch Control Voltage (H)
Vcont (H)
+1.8
+2.8
+3.6
V
Switch Control Voltage (L)
Vcont (L)
−0.2
0
+0.4
V
Remark VDD
− 0.4 V ≤ Vcont (H) ≤ VDD + 0.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com