Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD05C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD05C
Description  130W Bi-Direction Transient Voltage Suppressors Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD05C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD05C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD05C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SD05
C
VOLTAGE: 5V
130W Bi-Direction Transient Voltage Suppressors Diode
SOD-323 ( SC-76 )
FEATURES
.
130 Watts peak pulse power ( t = 8 / 20 µs )
. Small package for use in portable electronics
. Suitable replacement for MLV’s in ESD protection
applications
. Protects one I/O or power line
. Low clamping voltage
. Low leakage current
. Solid-state silicon-avalanche technology
APPLICATIONS
. Cell Phone Handsets and Accessories
. Microprocessor based equipment
. Personal Digital Assistants ( PDA’s )
. Notebooks, Desktops, and Servers
. Portable Instrumentation
. Pagers Peripherals
MECHANICAL DATA
. CASE: SOD-323 ( SC-76 ), Molded Plastic
. TERMINALS: UL 94V-0
. POLARITY: See Diagrams Below
. WEIGHT: 0.0045 gram
. MOUNTING POSITION: Any
MAXIMUM RATINGS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
VALUE
UNITS
Peak Pulse Power ( tP = 8 / 20 µs )
PPK
130
W
ESD Voltage ( HBM Waveform per IEC 61000-4-2
Air)
V
ESD
15
kV
Lead Soldering Temperature
TL
260 ( 10 sec. )
Operating Temperature Range
TJ
-55 ~ +125
Storage Temperature Range
TSTG
-55 ~ +150
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
a
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
01-Jun-2007 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free


Similar Part No. - SD05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
SD05C SEMTECH-SD05C Datasheet
152Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
SeCoS Halbleitertechnol...
SD05C SECOS-SD05C Datasheet
252Kb / 2P
130W Bi-Direction Transient Voltage Suppressors Diode
logo
Littelfuse
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
450W Discrete Bidirectional TVS Diode
logo
Shanghai Semitech Semic...
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
Unidirectional Configurations
More results

Similar Description - SD05C

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
P6KE JGD-P6KE Datasheet
363Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Semtech Corporation
1N6102 SEMTECH-1N6102 Datasheet
111Kb / 3P
500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
1N6138 SEMTECH-1N6138 Datasheet
111Kb / 3P
1500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SD05C SECOS-SD05C Datasheet
252Kb / 2P
130W Bi-Direction Transient Voltage Suppressors Diode
logo
New Jersey Semi-Conduct...
1N6102 NJSEMI-1N6102 Datasheet
151Kb / 1P
500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESDL05C SECOS-ESDL05C Datasheet
325Kb / 2P
80W, 5V Transient Voltage Suppressors for ESD Protection (Bi-direction)
ESD24R SECOS-ESD24R Datasheet
409Kb / 3P
Transient Voltage Suppressors for ESD Protection (Uni-direction)
logo
Shanghai Leiditech Elec...
1.5SMC6.8A LEIDITECH-1.5SMC6.8A Datasheet
1Mb / 4P
Transient Voltage Suppressors Diode
1.5SMC300A LEIDITECH-1.5SMC300A Datasheet
694Kb / 4P
Transient Voltage Suppressors Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com