Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CCNFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F2136CCNFP
Description  RENESAS MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CCNFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F2136CCNFP Datasheet HTML 7Page - Renesas Technology Corp R5F2136CCNFP Datasheet HTML 8Page - Renesas Technology Corp R5F2136CCNFP Datasheet HTML 9Page - Renesas Technology Corp R5F2136CCNFP Datasheet HTML 10Page - Renesas Technology Corp R5F2136CCNFP Datasheet HTML 11Page - Renesas Technology Corp R5F2136CCNFP Datasheet HTML 12Page - Renesas Technology Corp R5F2136CCNFP Datasheet HTML 13Page - Renesas Technology Corp R5F2136CCNFP Datasheet HTML 14Page - Renesas Technology Corp R5F2136CCNFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
R8C/36C Group
1. Overview
R01DS0018EJ0110 Rev.1.10
Page 11 of 59
Nov 02, 2010
1.5
Pin Functions
Tables 1.7 and 1.8 list Pin Functions.
I: Input
O: Output
I/O: Input and output
Note:
1. Refer to the oscillator manufacturer for oscillation characteristics.
Table 1.7
Pin Functions (1)
Item
Pin Name
I/O Type
Description
Power supply input VCC, VSS
—
Apply 1.8 to 5.5 V to the VCC pin.
Apply 0 V to the VSS pin.
Analog power
supply input
AVCC, AVSS
—
Power supply for the A/D converter.
Connect a capacitor between AVCC and AVSS.
Reset input
RESET
I
Input “L” on this pin resets the MCU.
MODE
MODE
I
Connect this pin to VCC via a resistor.
XIN clock input
XIN
I
These pins are provided for XIN clock generation circuit I/O.
Connect a ceramic resonator or a crystal oscillator between
the XIN and XOUT pins. (1)
To use an external clock, input it to the XOUT pin and leave
the XIN pin open.
XIN clock output
XOUT
I/O
XCIN clock input
XCIN
I
These pins are provided for XCIN clock generation circuit I/O.
Connect a crystal oscillator between the XCIN and XCOUT
pins. (1)
To use an external clock, input it to the XCIN pin and leave
the XCOUT pin open.
XCIN clock output
XCOUT
O
INT interrupt input
INT0 to INT4
I
INT interrupt input pins.
Key input interrupt
KI0 to KI3
I
Key input interrupt input pins.
Timer RA
TRAIO
I/O
Timer RA I/O pin.
TRAO
O
Timer RA output pin.
Timer RB
TRBO
O
Timer RB output pin.
Timer RC
TRCCLK
I
External clock input pin.
TRCTRG
I
External trigger input pin.
TRCIOA, TRCIOB,
TRCIOC, TRCIOD
I/O
Timer RC I/O pins.
Timer RD
TRDIOA0, TRDIOA1,
TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1,
TRDIOD0, TRDIOD1
I/O
Timer RD I/O pins.
TRDCLK
I
External clock input pin.
Timer RE
TREO
O
Divided clock output pin.
Timer RF
TRFO00, TRFO10,
TRFO01,TRFO11,
TRFO02,TRFO12
O
Timer RF output pins.
TRFI
I
Timer RF input pin.
Timer RG
TRGIOA, TRGIOB
I/O
Timer RG I/O ports.
TRGCLKA, TRGCLKB
I
External clock input pins.
Serial interface
CLK0, CLK1, CLK2
I/O
Transfer clock I/O pins.
RXD0, RXD1, RXD2
I
Serial data input pins.
TXD0, TXD1, TXD2
O
Serial data output pins.
CTS2
I
Transmission control input pin.
RTS2
O
Reception control output pin.
SCL2
I/O
I2C mode clock I/O pin.
SDA2
I/O
I2C mode data I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com