Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LM317
Description  HIGH CURRENT ADJUSTABLE VOLTAGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM317 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LM317 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM317 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM317
2/
7
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Ta=25°C) *
Characteristic
Symbol
Min.
Max.
Unit
Input - Output Voltage Difference
Vin-Vout
40
V
Power Dissipation
Pd
Internal limited
Maximum junction temperature
T J
150
°C
Storage temperature
T S
-40
150
°C
Lead temperature (soldering, 10sec)
T LEAD
260
°C
ESD (human body model)
ESD
4000
V
*: Absolute maximum ratings are stress ratings only and functional device operation is
not implied. The device could be damaged beyond Absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com