Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS133 Datasheet(PDF) 3 Page - THine Electronics, Inc.

Part # THCS133
Description  No External Clock Required.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS133 Datasheet(HTML) 3 Page - THine Electronics, Inc.

  THCS133 Datasheet HTML 1Page - THine Electronics, Inc. THCS133 Datasheet HTML 2Page - THine Electronics, Inc. THCS133 Datasheet HTML 3Page - THine Electronics, Inc. THCS133 Datasheet HTML 4Page - THine Electronics, Inc. THCS133 Datasheet HTML 5Page - THine Electronics, Inc. THCS133 Datasheet HTML 6Page - THine Electronics, Inc. THCS133 Datasheet HTML 7Page - THine Electronics, Inc. THCS133 Datasheet HTML 8Page - THine Electronics, Inc. THCS133 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
THCS133_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
3/10
Absolute Maximum Rating
Parameter
Condition
Min
Typ
Max
Unit
Power Supply Voltage VDD
-
-0.4
-
6
V
Digital Input Voltage (DATA0-DAT7, FILT,
RXEN, CTL0, CTL1, RSTN, SIG)
-
-0.4
-
6
V
Open-drain Output Pin(FAULTN)
-
-0.4
-
6
V
Allowable Power Dissipation
Ta=25℃
-
-
1
W
Storage Temperature
-
-55
-
150
Junction Temperature
-
-
-
125
Recommended Operating Condition
Parameter
Condition
Min
Typ
Max
Unit
Power Supply Voltage VDD
-
3.0
-
5.5
V
Ambient Operating Temperature
-
-40
-
85



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com