Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS74AP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS74AP
Description  Dual D-type Positive Edge-triggered Flip-Flops (with Preset and Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS74AP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS74AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS74AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS74AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS74AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS74AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS74AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS74AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS74AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74LS74A
Preliminary
R04DS0012EJ0400 Rev.4.00
Page 2 of 7
Dec 21, 2011
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
–400
A
Output current
IOL
8
mA
Operating temperature
Topr
–20
25
75
C
Clock frequency
fclock
0
25
MHz
Clock High
tw
25
Pulse width
Clear Preset
tw
25
ns
“H” Data
tsu
20
Setup time
“L” Data
tsu
20
ns
Hold time
th
5
ns
Note:
; The arrow indicates the rising edge.
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
VOH
2.7
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400 A
0.5
IOL = 8 mA
Output voltage
VOL
0.4
V
IOL = 4 mA
VCC = 4.75 V, VIL = 0.8 V,
VIH = 2 V
D
20
Clear
40
Preset
40
Clock
IIH
20
A
VCC = 5.25 V, VI = 2.7 V
D
–0.4
Clear
–0.8
Preset
–0.8
Clock
IIL
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
D
0.1
Clear
0.2
Preset
0.2
Input
current
Clock
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
–100
mA
VCC = 5.25 V
Supply current
ICC**
4
8
mA
VCC = 5.25 V
Input clamp voltage
VIR
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** With all output open, ICC is measured with the Q and Q outputs high in turn. At the time of measurement, the
clock input is grounded.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com