Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD224 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFD224
Description  Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=0.63A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFD224 Datasheet(HTML) 2 Page - International Rectifier

  IRFD224 Datasheet HTML 1Page - International Rectifier IRFD224 Datasheet HTML 2Page - International Rectifier IRFD224 Datasheet HTML 3Page - International Rectifier IRFD224 Datasheet HTML 4Page - International Rectifier IRFD224 Datasheet HTML 5Page - International Rectifier IRFD224 Datasheet HTML 6Page - International Rectifier IRFD224 Datasheet HTML 7Page - International Rectifier IRFD224 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Min. Typ. Max. Units Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
250
—
—
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
—
0.36
—
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
—
—
1.1
Ω
VGS = 10.0V, ID = 0.38A
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
1.5
—
—
S
VDS = 50V, ID = 2.6A
IDSS
Drain-to-Source Leakage Current
—
—
25
VDS = 400V, VGS = 0V
—
—
250
VDS = 320V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
—
—
100
VGS = 20V
Gate-to-Source Reverse Leakage
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
14
ID = 4.4A
Qgs
Gate-to-Source Charge
—
—
2.7
nC
VDS = 200V
Qgd
Gate-to-Drain ("Miller") Charge
—
—
7.8
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
—
7.0
—
VDD = 125V
tr
Rise Time
—
13
—
ID = 4.4A
td(off)
Turn-Off Delay Time
—
20
—
RG = 18Ω
tf
Fall Time
—
12
—
RD = 28Ω, See Fig. 10
LD
Internal Drain Inductance
—
4.0
—
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
—
6.0
—
from package
and center of
die contact
Ciss
Input Capacitance
—
260
—
VGS = 0V
Coss
Output Capacitance
—
77
—
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
—
15
—
ƒ = 1.0MHz, See Fig. 5
IRFD224
Notes:
Parameter
Min. Typ. Max. Units Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
—
—
1.8
V
TJ = 25°C, IS = 0.63A, VGS = 0V
trr
Reverse Recovery Time
—
200
400
ns
TJ = 25°C, IF = 4.4A
Qrr
Reverse RecoveryCharge
—
0.93
1.9
µC
di/dt = 100A/µs
ton
Forward Turn-On Time
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
VDD = 50V, starting TJ = 25°C, L = 15mH
RG = 25Ω, IAS = 2.5A. (See Figure 12)
ISD ≤ 4.4A, di/dt ≤ 90A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Pulse width
≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
—
—
5.0
—
—
0.63
A
µA
nA
ns
nH
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com