Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GU-C40 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # GU-C40
Description  High Power Inverter Use
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

GU-C40 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  GU-C40 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor GU-C40 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor GU-C40 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aug.1998
V
V
—
Hz
µs
µs
µs
µs
A/
µs
A
µs
A
A/
µs
%
°C
°C/W
Power supply (+)
Power supply (–)
Control signal
Frequency
Turn-on minimum
Turn-off minimum
Delay time of on gate current
Delay time of off gate current
Critical rate of rise of on gate current
Peak on gate current
Width of on high gate current
On gate current
Critical rate of rise of off gate current
Maximum duty
Temperature
Thermal resistance
(Junction to Fin)
+VC
–VC
–
f
ton min
toff min
tfd
trd
diG/dt
IGM
tw
IG
diGQ/dt
Dmax
Ta
Rth
MITSUBISHI GATE DRIVER FOR GCT THYRISTOR
GU-C40
High Power Inverter Use
DC power supply 10A
(Note 1, 3)
DC power supply 6A
(Note 2, 3)
Optical fiber data link
Receiver: HFBR-2522 (HP)
1500Arms Duty 50%
Protection is 28
µs min and 32µs max.
(Note 4)
Protection is 44
µs min and 52µs max.
(Note 5)
VRG = 20V
GU-C40 and FGC4000BX-90DS
(Note 6)
Min
Typ
Max
Symbol
Parameter
Test conditions
Limits
Unit
CHARACTERISTICS
4.5
19
—
—
28
44
7
5
100
—
5
10
—
—
–10
—
5.0
20
—
—
30
50
8
6
—
200
—
—
6000
—
—
—
5.5
21
—
500
32
52
9
7
—
—
—
—
—
50
+60
0.012
Note 1. In case of DC power supply which has no current control, please be careful that rush current (peak value 140A, width 2ms) flows at the turn on of
power supply in 1m cable for power supply.
2. In case of DC power supply which has no current control, please be careful that rush current (peak value 140A, width 2ms) flows at the turn on of
power supply in 1m cable for power supply.
3. Main current condition of GCT Thyristor is 1500Arms and duty 50%.
4. If input turn-on signal is shorter than ton (min) protection operates and turn on width is 28
µs min and 32µs max.
5. If turn-on signal is input during toff (min) protection operates and turn off width is 44
µs min and 52µs max.
6. If GU-C40 and FGC4000BX-90DS are used together, Rth (j-f) is becomes 0.012
°C/W.
(Only FGC4000BX-90DS is used. Rth(j-f) becomes 0.011
°C/W)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com