Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20114AFPASP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R2A20114AFPASP
Description  Continuous Conduction Mode Interleaving PFC Control IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20114AFPASP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R2A20114AFPASP_15 Datasheet HTML 9Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 10Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 11Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 12Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 13Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 14Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 15Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 16Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
R2A20114AFP/ASP
Preliminary
R03DS0051EJ0100 Rev.1.00
Page 13 of 16
Aug 29, 2011
4. Phase Drop (Applied to R2A20114AFP)
GD1
PD
2.5V
GD2
5. ERROR (Applied to R2A20114AFP)
ERROR
Abnormal Operation
(Phase Error, OVP2, E-Delay)
Normal Operation
Low Voltage (0V)
High Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com