Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P13606NACT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P13606NACT
Description  DisplayPort to HDMI Active Converter,1920x1200-1080P (M-F) 6-in
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P13606NACT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P13606NACT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P13606NACT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DisplayPort to HDMI Active Converter,
1920x1200/1080P (M/F) 6-in.
MODEL NUMBER: P136-06N-ACT
Description
Tripp Lite's P136-06N-ACT, Active Displayport Male to HDMI Female adapter, allows you to connect a computer with a Displayport output to a HDMI monitor.
Supports computer video resolutions up to 1920 x 1200, and HD resolutions up to 1080p, as well as Ultra High Definition 4Kx2K up to 3840x2160. Unlike a
passive adapter ( Tripp Lite P136-000 ), Active adapters convert both single mode and dual mode DisplayPort output, which is ideal for graphics cards that do
not output dual mode/multi-mode (DP++) signals. Fully molded ends ensure long life enjoyment
Features
Actively converts ALL Displayport signals, even non=DP++ Single Mode signals
Converts Displayport to HDMI
Supports Ultra High Definition ( UHD ) 4K x 2K video resolutions up to 3840x2160
Displayport 1.1a compliant
Plug and Play...no software or drivers
No external power required
Specifications
OVERVIEW
Chromebook Compatible
No
Display Style
Adapter
Model Type
DisplayPort
INPUT
Cable Length (in.)
6
Highlights
Connect a HDMI monitor to a
computer with a Displayport
output
Converts single mode and dual
mode Displayport output
Supports computer video
resolutions up to 1920 x 1200,
and HD resolutions up to 1080p
System Requirements
Computer with Displayport output
Display with HDMI input
Package Includes
DisplayPort to HDMI Active
Converter, 1920x1200/1080P
(M/F) 6-in.
1 / 2


Similar Part No. - P13606NACT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000 TRIPPLITE-P136000 Datasheet
469Kb / 2P
DisplayPort to HDMI Converter, 1920x1200-1080p (M-F) 6-in
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
More results

Similar Description - P13606NACT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P13406NVGA TRIPPLITE-P13406NVGA Datasheet
493Kb / 2P
DisplayPort to VGA Cable Adapter, 1920x1200-1080p (M-F), 6-in
P136000 TRIPPLITE-P136000 Datasheet
469Kb / 2P
DisplayPort to HDMI Converter, 1920x1200-1080p (M-F) 6-in
P13706NHDMI TRIPPLITE-P13706NHDMI Datasheet
473Kb / 2P
Mini DisplayPort to HDMI Adapter, Video Converter for Mac-PC, 1920x1200-1080p (M-F) 6-in
P136-06N-UHD-V2 TRIPPLITE-P136-06N-UHD-V2 Datasheet
492Kb / 2P
DisplayPort 1.2 to HDMI Active Converter, DisplayPort to HDMI (M/F), UHD 4K x 2K/1080p, 6 in.
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
P134-06N-DVIACT TRIPPLITE-P134-06N-DVIACT Datasheet
165Kb / 2P
DisplayPort to DVI Active Converter, 1920 x 1200 (1080p) (M/F), 6 in.
P134-06N-VGA TRIPPLITE-P134-06N-VGA Datasheet
158Kb / 2P
DisplayPort to VGA Active Cable Adapter, 1920x1200/1080p (M/F), 6-in.
P136-000-1 TRIPPLITE-P136-000-1 Datasheet
168Kb / 2P
DisplayPort to HDMI Converter Video Adapter, 1920x1200/1080p (M/F)
P136-000 TRIPPLITE-P136-000 Datasheet
159Kb / 2P
DisplayPort to HDMI Converter Adapter, 1080p (1920 x 1200) (M/F), 6 in.
P136-06N-ACT TRIPPLITE-P136-06N-ACT Datasheet
161Kb / 2P
DisplayPort to HDMI Active Converter, 4Kx2K UHD / 1080P (M/F) 6-in.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com