Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P122000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P122000
Description  DVI to DFP Display Adapter (M-F)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P122000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P122000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P122000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DVI to DFP Display Adapter (M/F)
MODEL NUMBER: P122-000
Description
This monitor adapter links a DFP (digital flat panel) to the DVI-i female interface on a high-performance DVI video card. DVI-d male plug to DFP female
receptacle.
Features
Links a DFP (digital flat panel) to the DVI-i female interface on a DVI video card
DVI-d male plug to DFP female receptacle
Specifications
OVERVIEW
Chromebook Compatible
No
Display Style
Adapter
Model Type
DFP
Cable Types
DVI
PHYSICAL
Color
Black
CONNECTIONS
Connector A
DVI-D SINGLE LINK (MALE)
Connector B
DFP (FEMALE)
CERTIFICATIONS
Highlights
Converts a DVI-I or DVI-D card to
a DFP receptacle
System Requirements
DVI-I Female interface on a DVI
video card
DFP (digital flat panel) with a
MDR (micro density ribbon)
20Pin connector
Package Includes
DVI to DFP Adapter - Digital
DVI-M to DFP-F
1 / 2


Similar Part No. - P122000

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
P122 POLYFET-P122 Datasheet
43Kb / 2P
PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
International Rectifier
P122 IRF-P122 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P122 IRF-P122 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P122 VISHAY-P122 Datasheet
179Kb / 6P
Passivated Assembled Circuit Elements, 25 A
04-Nov-09
logo
Amphenol Corporation
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
High reliability, solid state silicon pressure sensors
More results

Similar Description - P122000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P120-000 ETC2-P120-000 Datasheet
494Kb / 2P
DVI to VGA Cable Adapter (DVI-A Analog-M to HD15-F)
logo
Tripp Lite. All Rights ...
P120000 TRIPPLITE-P120000 Datasheet
491Kb / 2P
DVI to VGA Cable Adapter (DVI-I Analog to HD15 M-F)
P126000 TRIPPLITE-P126000 Datasheet
502Kb / 2P
DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P120-000 TRIPPLITE-P120-000 Datasheet
175Kb / 2P
DVI to VGA Cable Adapter (DVI-A to HD15 M/F)
P126-000 TRIPPLITE-P126-000 Datasheet
167Kb / 2P
DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
logo
IOGEAR
GDVIMVGAF IOGEAR-GDVIMVGAF Datasheet
132Kb / 2P
DVI-A (M) to VGA (F) Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com