Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P132000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P132000
Description  DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P132000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P132000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P132000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
MODEL NUMBER: P132-000
Description
Tripp Lite's DVI-D Female to HDMI-Male adapter allows older DVI cables to plug into newer HDMI equipment. Gold plated connectors, and 24K Gold contacts,
along with a molded, rubberized plastic housing, assure long life use. Slotted thumbscrews allow for easy installation in close quarters.
Features
Converts HDMI equipment to DVI cabling
24K Gold Contacts
Impact resistant molded rubber shell
Slim design for tight spaces
Specifications
OVERVIEW
Chromebook Compatible
No
Display Style
Adapter
Model Type
HDMI
Cable Types
DVI
PHYSICAL
Color
Black
CONNECTIONS
Connector A
DVI-D DUAL LINK (FEMALE)
Connector B
HDMI (MALE)
Highlights
Converts a DVI-D Male
connector into HDMI Male
connector
Compact size for installation in
tight spaces
System Requirements
Digital video equipment with
HDMI Female connections
Package Includes
DVI-D Female to HDMI Male
Adapter
1 / 2


Similar Part No. - P132000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P13206NMICRO TRIPPLITE-P13206NMICRO Datasheet
476Kb / 2P
Micro HDMI (Type D) to DVI-D Adapter (M-F), 6-in
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
logo
MPS Industries, Inc.
P1320P MPSIND-P1320P Datasheet
460Kb / 1P
SURFACE MOUNT POWER INDUCTOR
P1320P-100 MPSIND-P1320P-100 Datasheet
460Kb / 1P
SURFACE MOUNT POWER INDUCTOR
P1320P-160 MPSIND-P1320P-160 Datasheet
460Kb / 1P
SURFACE MOUNT POWER INDUCTOR
More results

Similar Description - P132000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P566012 TRIPPLITE-P566012 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 12-ft
P566030 TRIPPLITE-P566030 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M-M), 30-ft
P566006 TRIPPLITE-P566006 Datasheet
500Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 6-ft
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-08N TRIPPLITE-P130-08N Datasheet
155Kb / 2P
HDMI to DVI Adapter Cable (HDMI to DVI-D F/M), 8-in.
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P132-08N TRIPPLITE-P132-08N Datasheet
157Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in.
logo
IOGEAR
GHDDVIC4K3 IOGEAR-GHDDVIC4K3 Datasheet
162Kb / 2P
HDMI (M) to DVI-D (M) Adapter Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com