Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROX2525S4 Datasheet(PDF) 2 Page - TEMEX

Part # ROX2525S4
Description  The ROX2525S4 OCXO is a perfect choice where performance versus space is at a premium
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

ROX2525S4 Datasheet(HTML) 2 Page - TEMEX

  ROX2525S4 Datasheet HTML 1Page - TEMEX ROX2525S4 Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DISCRETE OCXO | STANDARD OCXO IN SMD PACKAGE
www.rakon.com
www.rakon.com
Page 2 of 2
SSB Phase Noise: ROX-S4 OCXO (Typical value at 25 °C)
Model Outline: ROX2525S4 OCXO (19 Pin)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com