Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK12BL Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SK12BL
Description  1.0AMP Surface Mount Schottky BarrierRectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK12BL Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SK12BL_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK12BL_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
.1
1.0
10
100
FIG .4 - TYPICAL REVERSE CHARACTERISTICS
Tj=75 C
Tj=25 C
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG .4 - TYPICAL REVERSE CHARACTERISTICS
Tj=75 C
Tj=25 C
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE
FIG .5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG .3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,(V)
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
140
160
180
200
0
700
600
500
400
300
200
100
0
40
20
60
100
80
.01
.0
5
.1
.5
1
5
10
5
0
100
S K14B
L
S K12
BL
0.01
0.1
.01
1.0
5.0
FIG.2 TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE ,(V)
Pulse Width 300us
1% Duty Cycle
.1
..2
.3
.4
.5 .6
.7
.8
Tj=25 C
PERCENTAG E RATE PEAK REVERSE VOLTAGE
PERCENTAG E R
PEAK REVERSE VOL
0
20
40
60 80 100 120
.01
(Percentage)
0
20
40
60 80 100 120
.01
NUMBER OF CYCLES AT 60Hz
1
1
0
5
50
100
RATING AND CHARACTERISTIC CURVES (SK12BL THRU SK14BL)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 2
SK12BL ~ SK14BL
VOLTAGE 20V ~ 40V
Low VF & Low Ir Types
1.0AMP Surface Mount Schottky Barrier Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com