Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM520AF Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM520AF
Description  5.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM520AF Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM520AF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM520AF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM520AF~SM5200AF
20 V ~ 200 V
5.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
07-Feb-2013 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com