Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM560A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM560A
Description  5.0Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM560A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM560A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM560A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individua
l
RATING AND CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2006 Rev. A
Page 2 of 2
SM560A
VOLTAGE 60V
5.0AMP Schottky Barrier Rectifiers
Tc, Case Temperature (℃)
Typical Forward Current Derating Curve
0
5
7
20
50
100
150
190
Revise Voltage (%)
Typical Junction Capacitance
0
200
400
600
800
0.1
1
10
100
Maximum Non- Repetitive Forward
Surge Current
Number of Cycles at 60Hz
0
40
80
120
160
200
0
10
100
8.3mS Single half
Sine Wave
JEDEC Method
Tj=25℃
0.01
0.1
1
10
100
60
30
40
50
70
20
Reverse Voltage(V)
Typical Reverse Characteristic
25℃
50℃
100℃
75℃
0.2
0.1
1
10
100
Forward Voltage (V)
Typical Forward Characteristic
0.3
0.4
0.5
0.6
0.7
0.8
25℃
125℃
75℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com