Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM820B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM820B
Description  8.0 AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM820B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM820B_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM820B_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SM820B THRU SM8100B
VOLTAGE 20V ~ 100V
8.0 AMP Surface Mount Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SM820B THRU SM8100B)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.5
2.0
3.5
5.0
6.5
8.0
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
Tj=75 C
SM8
60B
Tj=25 C
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
60
30
90
150
120
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
8.3ms Single Half
Sine Wave
JEDEC method
04-Jul-2007 Rev. D
Page 2 of 2
Tj=25 C
AMBIENT TEMPERATURE,( C)
Tj=25 C
O
O
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com