Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P142000UD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P142000UD
Description  HDMI Swivel Adapter (Up - Down) (M-F)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P142000UD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P142000UD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P142000UD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HDMI Swivel Adapter (Up / Down) (M/F)
MODEL NUMBER: P142-000-UD
Description
Tripp LItes swiveled HDMI Male/Female adapter allows you to postion the HDMI cable to your equipment in a variety of exit positions. Use where access to the
HDMI equipment port is limited, and Up/Down routing of the cable is needed, versus straight out the back. Adapter also takes the stress off of your equipments
HDMI port, saving your expensive equipment from repair due to a damaged connector.
Features
Male to Female Swivel Adapter
180 degree range of motion
Ideal for confined spaces with limited access to the HDMI port
Saves wear-n-tear on equipment HDMI port
Supports 3D and HDMI w/Ethernet
Specifications
OVERVIEW
Chromebook Compatible
Yes
Style
HDMI
Display Style
Adapter
Model Type
HDMI
Cable Types
HDMI
PHYSICAL
Color
Black
Highlights
Male to Female Up / Down
Swivel Adapter
Use for confined spaces on the
back of HDMI equipment
HDMI Cable exits Up, Down,
Angled
Relieves stress on your
equipments HDMI port
System Requirements
Equipment with standard HDMI
ports
Package Includes
HDMI Male/Female Swivel
Adapter
1 / 2


Similar Part No. - P142000UD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P142000UP TRIPPLITE-P142000UP Datasheet
505Kb / 2P
HDMI Right Angle Up Adapter - Coupler (M-F)
More results

Similar Description - P142000UD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
P142000UP TRIPPLITE-P142000UP Datasheet
505Kb / 2P
HDMI Right Angle Up Adapter - Coupler (M-F)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P142-000-MICRO TRIPPLITE-P142-000-MICRO Datasheet
171Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F/M)
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
P142-000-UD TRIPPLITE-P142-000-UD Datasheet
158Kb / 2P
HDMI Swivel Adapter (Up / Down) (M/F)
P142-000-UP TRIPPLITE-P142-000-UP Datasheet
167Kb / 2P
HDMI Right Angle Up Adapter / Coupler (M/F), 4K @ 60Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com