Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN044 Datasheet(PDF) 5 Page - International Rectifier

Part # IRFN044
Description  POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=44A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN044 Datasheet(HTML) 5 Page - International Rectifier

  IRFN044 Datasheet HTML 1Page - International Rectifier IRFN044 Datasheet HTML 2Page - International Rectifier IRFN044 Datasheet HTML 3Page - International Rectifier IRFN044 Datasheet HTML 4Page - International Rectifier IRFN044 Datasheet HTML 5Page - International Rectifier IRFN044 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IRFN044 Device
Fig. 12c — Max. Avalanche Energy vs. Current
Fig. 13a — Gate Charge Test Circuit
Fig. 12a — Unclamped Inductive Test Circuit
Fig. 12b — Unclamped Inductive Waveforms
PEAK IL = 44A
VDD = 25V
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t
/ t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig. 11 — Maximum Effective Transient Thermal Impedance, Junction-to-Case Vs. Pulse Duration
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com