Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP044N Datasheet(PDF) 4 Page - International Rectifier

Part # IRFP044N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=53A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP044N Datasheet(HTML) 4 Page - International Rectifier

  IRFP044N Datasheet HTML 1Page - International Rectifier IRFP044N Datasheet HTML 2Page - International Rectifier IRFP044N Datasheet HTML 3Page - International Rectifier IRFP044N Datasheet HTML 4Page - International Rectifier IRFP044N Datasheet HTML 5Page - International Rectifier IRFP044N Datasheet HTML 6Page - International Rectifier IRFP044N Datasheet HTML 7Page - International Rectifier IRFP044N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP044N
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
400
800
1200
1600
2000
2400
2800
1
10
100
DS
V
, Drai n-to -So urce V oltag e (V)
A
V
= 0 V,
f = 1M H z
C
= C
+ C
, C
SH O RTE D
C
= C
C
= C
+ C
GS
is s
gs
gd
ds
rs s
gd
o ss
ds
g d
C is s
C os s
C rs s
0
4
8
12
16
20
0
102030405060
Q
, T ota l G ate Ch arge (n C)
G
A
FO R TEST CIRCUIT
SEE FIG UR E 13
V
= 44 V
V
= 28 V
I
= 28 A
D
DS
DS
1
10
100
1000
0.4
0.8
1.2
1.6
2.0
2.4
T = 25 °C
J
V
= 0 V
GS
V
, S ource -to-D rain Voltage (V )
SD
A
T = 175°C
J
1
10
100
1000
1
10
100
V
, D rain-to -Source V o ltage (V )
DS
O P ER A TION IN TH IS A R EA L IM ITE D
B Y R DS (o n)
10 µs
10 0µ s
1m s
10 m s
A
T
= 25 °C
T
= 17 5 °C
S ingle Pu ls e
C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com