Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0328DPB-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0328DPB-01
Description  Silicon N Channel Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0328DPB-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0328DPB-01_15 Datasheet HTML 1Page - Renesas Technology Corp RJK0328DPB-01_15 Datasheet HTML 2Page - Renesas Technology Corp RJK0328DPB-01_15 Datasheet HTML 3Page - Renesas Technology Corp RJK0328DPB-01_15 Datasheet HTML 4Page - Renesas Technology Corp RJK0328DPB-01_15 Datasheet HTML 5Page - Renesas Technology Corp RJK0328DPB-01_15 Datasheet HTML 6Page - Renesas Technology Corp RJK0328DPB-01_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0264EJ0500 Rev.5.00
Page 1 of 6
Mar 01, 2011
Preliminary Datasheet
RJK0328DPB-01
Silicon N Channel Power MOS FET
Power Switching
Features
 High speed switching
 Capable of 4.5 V gate drive
 Low drive current
 High density mounting
 Low on-resistance
RDS(on) = 1.6 mtyp. (at VGS = 10 V)
 Pb-free
 Halogen-free
Outline
RENESAS Package code: PTZZ0005DA-A
(Package name: LFPAK)
G
D
SSS
4
1 23
5
1, 2, 3
Source
4
Gate
5
Drain
1 2
3 4
5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
20
V
Drain current
ID
60
A
Drain peak current
ID(pulse)
Note1
240
A
Body-drain diode reverse drain current
IDR
60
A
Avalanche current
IAP
Note 2
30
A
Avalanche energy
EAR
Note 2
90
mJ
Channel dissipation
Pch
Note3
65
W
Channel to case thermal resistance
ch-c Note3
1.93
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tch = 25
C, Rg  50 
3. Tc = 25
C
R07DS0264EJ0500
(Previous: REJ03G1637-0400)
Rev.5.00
Mar 01, 2011


Similar Part No. - RJK0328DPB-01_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0328DPB-01 RENESAS-RJK0328DPB-01 Datasheet
87Kb / 7P
Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0328DPB-01_15

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK1081-01 FUJI-2SK1081-01 Datasheet
133Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
2SK1012-01 FUJI-2SK1012-01 Datasheet
169Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
2SK1016-01 FUJI-2SK1016-01 Datasheet
177Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
2SK1217-01R FUJI-2SK1217-01R Datasheet
169Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
2SK1936-01 FUJI-2SK1936-01 Datasheet
181Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
2SK2080-01R FUJI-2SK2080-01R Datasheet
177Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
logo
Renesas Technology Corp
RJK03M5DNS RENESAS-RJK03M5DNS Datasheet
148Kb / 7P
Silicon N Channel Power MOS FET
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com