Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16680P Datasheet(PDF) 8 Page - NEC

Part # UPD16680P
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16680P Datasheet(HTML) 8 Page - NEC

Back Button UPD16680P Datasheet HTML 4Page - NEC UPD16680P Datasheet HTML 5Page - NEC UPD16680P Datasheet HTML 6Page - NEC UPD16680P Datasheet HTML 7Page - NEC UPD16680P Datasheet HTML 8Page - NEC UPD16680P Datasheet HTML 9Page - NEC UPD16680P Datasheet HTML 10Page - NEC UPD16680P Datasheet HTML 11Page - NEC UPD16680P Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Data Sheet S12694EJ2V0DS00
8
µµµµPD16680
3.2 Logic System Pins (2/2)
Pin Symbol
Pin Name
Pin No.
I/O
Function Description
AMPCHA
Amp mode select pin
79
I
Select operational amplifier mode.
At High level, “Level capacitor mode”.
At Low level, “LCD driving mode”.
VEXT
LCD reference supply
switching
77
I
Select the method for supplying LCD power circuit. At High
level, LCD driving voltage is supplied external circuit. At Low
level, it is supplied internal circuit.
OSCIN
80
I
OSCOUT
Oscillation pin
81
O
These pins are connected with the 1 M
Ω resistor. When using
external oscillation, input into the OSCIN , and leaving the
OSCOUT open.
OSCBRI
Blinking Clock
83
I
This pin is oscillation input for Blinking. To input 2 Hz external
clock, when to use Blinking by external clock mode.
When not to use this pin, keep it H or L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com