Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P560010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P560010
Description  DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P560010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P560010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P560010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DVI Dual Link Cable, Digital TMDS Monitor Cable
(DVI-D M/M), 10-ft.
MODEL NUMBER: P560-010
Description
Tripp Lite's 10 foot DVI Dual Link TMDS cable delivers the high performance, high bandwidth needed for today's
digital video displays. Gold plated contacts ensure excellent conductivity, while double shielding (foil and braid)
provides maximum EMI/RFI protection.
Use in conjunction with DVI video cards that are specified as Dual Link. Both DVI connectors are molded and have integral strain relief for long life reliability.
Features
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
Dual Link digital signaling for transmission speeds to 9.9Gbps and 2560x1600 Resolution
Gold plated copper contacts ensure excellent conductivity
Meets DVI DDWG Standard
PC and Mac compatible
For use with Digital CRT displays, Flat Panel Displays, HDTV and Projectors
Specifications
OVERVIEW
Chromebook Compatible
No
Style
DVI
Model Type
DVI
Cable Types
DVI
INPUT
Highlights
For use with Dual TMDS Link
specified equipment only
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
Provides bandwidth for
resolutions up to 2560 x 1600
High Speed Digital Transmission
to 9.9Gbps
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
System Requirements
Monitor with DVI, and CPU with
Dual Link DVI capabilities
Package Includes
DVI Dual Link TMDS cable -
DVI-D, M/M, 10'
1 / 2


Similar Part No. - P560010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P560010A TRIPPLITE-P560010A Datasheet
484Kb / 2P
DVI Dual Link Cable with Audio, Digital TMDS Monitor Cable, (DVI-D and 3.5mm M-M), 10-ft
More results

Similar Description - P560010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P560003 TRIPPLITE-P560003 Datasheet
500Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
P560050 TRIPPLITE-P560050 Datasheet
501Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P560-001 TRIPPLITE-P560-001 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 1-ft.
P560-006 TRIPPLITE-P560-006 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P560-010 TRIPPLITE-P560-010 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P560-020 TRIPPLITE-P560-020 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 20-ft.
P560-025 TRIPPLITE-P560-025 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
P560-030 TRIPPLITE-P560-030 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 30-ft.
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com