Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPG50 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFPG50
Description  Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPG50 Datasheet(HTML) 8 Page - International Rectifier

  IRFPG50 Datasheet HTML 1Page - International Rectifier IRFPG50 Datasheet HTML 2Page - International Rectifier IRFPG50 Datasheet HTML 3Page - International Rectifier IRFPG50 Datasheet HTML 4Page - International Rectifier IRFPG50 Datasheet HTML 5Page - International Rectifier IRFPG50 Datasheet HTML 6Page - International Rectifier IRFPG50 Datasheet HTML 7Page - International Rectifier IRFPG50 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
www.irf.com
IRFPG50
LEAD AS SIGN MENT S
NOT ES :
- D -
5.30 ( .209)
4.70 ( .185)
2.50 ( .089)
1.50 ( .059)
4
3X
0.80 (. 031)
0.40 (. 016)
2.60 ( .102)
2.20 ( .087)
3.40 ( .133)
3.00 ( .118)
3X
0.25 ( .010)
M
CA S
4.30 ( .170)
3.70 ( .145)
- C -
2X
5. 50 ( .2 17 )
4. 50 ( .1 77 )
5.50 ( .217)
0.25 ( .010)
1.40 ( .056)
1.00 ( .039)
3.65 ( .143)
3.55 ( .140)
D
MM
B
- A -
15.90 ( .626)
15.30 ( .602)
- B -
123
20.30 ( .800)
19.70 ( .775)
14.80 ( .583)
14.20 ( .559)
2.40 ( .094)
2.00 ( .079)
2X
2X
5.45 ( .215)
1 DIME NSIO NING & TO LERAN CING
PE R AN SI Y 14.5M, 1982.
2 CO NTRO LLING DIMENS IO N : IN CH .
3 CO NF ORM S T O JEDE C O UTLINE
T O-247-A C.
1 - G ATE
2 - DRAIN
3 - SO URCE
4 - DRAIN
IN TER N AT IO N AL
RECT IF IER
L O G O
ASSEM BL Y
L O T
C O D E
E XAM P LE : T H IS IS A N IR FP E3 0
W IT H AS SE MB L Y
L O T C O D E 3 A1 Q
PAR T N U M BER
DA TE C O DE
(Y YW W )
YY = YE A R
WW WEE K
3A1Q
9302
IR F PE 3 0
A
TO-247AC Package Details
Part Marking
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T 3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: 171 (K&H Bldg.) 30-4 Nishi-ikebukuro 3-chome, Toshima-ku, Tokyo Japan Tel: 81 33 983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 16907 Tel: 65 221 8371
Data and specifications subject to change without notice.
10/97



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com