Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P568006SW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P568006SW
Description  High Speed HDMI Cable with Swivel Connectors,Digital Video with Audio (M-M), 6-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P568006SW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P568006SW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P568006SW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed HDMI Cable with Swivel Connectors,
Digital Video with Audio (M/M), 6-ft.
MODEL NUMBER: P568-006-SW
Description
Tripp Lite's High Speed HDMI cables with Swivel connectors make it easier to install audio and video
components against walls - the rotating connectors are able to swing the cable plug up to 90 degrees, left or
right, creating just the right angle between the connector and the cable so that you will need just half the
mounting space. This also keeps the HDMI cable from being pinched in tight quarters, which could degrade
signal performance. Supports iPad2 Video Mirroring when used with Apple Digital AV Adapter. HDMI assures that the best audio/video signal is always sent
from the source (HDTV signal, Blu-Ray Player) to the display (Projection Television, LCD, Plasma, etc.). It does this by allowing uncompressed video and
multi-channel audio data to be input to the display device through one single cable. An HDMI connection allows input at high rates of speed, up to 10.2 Gbps.
Features
180 degree swivel design is ideal for flat panel HDTV’s and other hook-ups where space is limited
Smooth and flexible 28 AWG jacket with protective mesh cover
Supports iPad2 Video Mirroring when used with Apple Digital AV Adapter
Gold-plated connectors provide optimal signal transfer
Premium double-shielded cable protects against outside noise (EMI/RFI)
Impedance-matched twisted-pair construction reduces cross-talk and interference
Bandwidth up to 10.2 Gbps - Full 1080p resolution
Perfect for connecting an iPad2 to an HDTV (video mirroring) to watch movies, play games, surf the web and display presentations
Supports Ultra High Definition (UHD) 4Kx2K video resolutions up to 3840 x 2160
Specifications
General Info
RoHS
Y
Highlights
180 degree swivel design is ideal
for flat panel HDTV’s and other
hook-ups where space is limited
Smooth and flexible 28 AWG
jacket with protective mesh cover
Supports iPad2 Video Mirroring
when used with Apple Digital AV
Adapter
Gold-plated connectors provide
optimal signal transfer
Bandwidth up to 10.2 Gbps - Full
1080p resolution
High Speed HDMI and HDCP
compliant
Supports Ultra High Definition
(UHD) 4Kx2K video resolutions
up to 3840 x 2160
Package Includes
6-ft. High Speed HDMI Gold
Cable with Swivel Connectors
1 / 2


Similar Part No. - P568006SW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568006 TRIPPLITE-P568006 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), Black, 6-ft
P568006FL TRIPPLITE-P568006FL Datasheet
481Kb / 2P
High Speed HDMI Flat Cable, Digital Video with Audio (M-M), 6-ft
P568006RA TRIPPLITE-P568006RA Datasheet
483Kb / 2P
High Speed HDMI Cable with 1 Right Angle Connector, Digital Video with Audio (M-M), 6-ft
P568006RA2 TRIPPLITE-P568006RA2 Datasheet
480Kb / 2P
High Speed HDMI Cable with 2 Right Angle Connectors, Digital Video with Audio (M-M), 6-ft
P568006WH TRIPPLITE-P568006WH Datasheet
486Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), White, 6-ft
More results

Similar Description - P568006SW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568-006 TRIPPLITE-P568-006 Datasheet
490Kb / 4P
High Speed HDMI Cable, Digital Video with Audio (M/M) 6-ft
P568003SW TRIPPLITE-P568003SW Datasheet
500Kb / 2P
High Speed HDMI Cable with Swivel Connectors,Digital Video with Audio (M/M), 3-ft
P568006 TRIPPLITE-P568006 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), Black, 6-ft
P568006FL TRIPPLITE-P568006FL Datasheet
481Kb / 2P
High Speed HDMI Flat Cable, Digital Video with Audio (M-M), 6-ft
P568006WH TRIPPLITE-P568006WH Datasheet
486Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), White, 6-ft
P568010SW TRIPPLITE-P568010SW Datasheet
500Kb / 2P
High Speed HDMI Cable with Swivel Connectors,Digital Video with Audio (M-M), 10-ft
P569006 TRIPPLITE-P569006 Datasheet
483Kb / 2P
High Speed HDMI Cable with Ethernet, Digital Video with Audio (M-M), 6-ft
P572006 TRIPPLITE-P572006 Datasheet
475Kb / 2P
High Speed Mini-HDMI Cable, Digital Video with Audio (M-M), 6-ft
P572-006 TRIPPLITE-P572-006 Datasheet
155Kb / 2P
High Speed Mini-HDMI Cable, Digital Video with Audio (M/M), 6-ft.
P568-006-SW TRIPPLITE-P568-006-SW Datasheet
160Kb / 2P
High Speed HDMI Cable with Swivel Connectors, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com