Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P568006WH Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P568006WH
Description  High Speed HDMI Cable, Digital Video with Audio (M-M), White, 6-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P568006WH Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P568006WH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P568006WH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed HDMI Cable, Digital Video with Audio
(M/M), White, 6-ft.
MODEL NUMBER: P568-006-WH
Description
Tripp Lite's 6-ft. White High Speed HDMI (High-Definition Multimedia Interface) Gold Cable allows
interconnection between digital display devices, such as DTV's (Digital Television), Plasma displays, LCD TV's and projectors, to Digital source devices, such
as Digital Set-Top boxes, Blu-Ray players and AV receivers. Supports iPad2 Video Mirroring when used with Apple Digital AV Adapter. HDMI assures that the
best audio/video signal is always sent from the source (HDTV signal, Blu-Ray Player) to the display (Projection Television, LCD, Plasma, etc.). It does this by
allowing uncompressed video and multi-channel audio data to be input to the display device through one single cable. An HDMI connection allows input at
high rates of speed, up to 10.2 Gbps.
Features
Creates a pure digital connection between HDMI-enabled HDTV display devices and HDMI-enabled digital video sources
Supports iPad2 Video Mirroring when used with Apple Digital AV Adapter
Gold-plated connectors provide optimal signal transfer
Premium double-shielded cable protects against outside noise (EMI/RFI)
Impedance-matched twisted-pair construction reduces cross-talk and interference
Bandwidth up to 10.2 Gbps - Full 1080p resolution
Perfect for connecting an iPad2 to an HDTV (video mirroring) to watch movies, play games, surf the web and display presentations
Supports Ultra High Definition (UHD) 4Kx2K video resolutions up to 3840 x 2160
Specifications
General Info
RoHS
Y
OVERVIEW
Highlights
Premium double-shielded digital
audio/video cable
Supports iPad2 Video Mirroring
when used with Apple Digital AV
Adapter
Gold-plated connectors provide
optimal signal transfer
Bandwidth up to 10.2 Gbps - Full
1080p resolution
High Speed HDMI and HDCP
compliant
Supports Ultra High Definition
(UHD) 4Kx2K video resolutions
up to 3840 x 2160
Package Includes
6-ft. White High Speed HDMI Gold
Cable
1 / 2


Similar Part No. - P568006WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568006 TRIPPLITE-P568006 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), Black, 6-ft
P568006FL TRIPPLITE-P568006FL Datasheet
481Kb / 2P
High Speed HDMI Flat Cable, Digital Video with Audio (M-M), 6-ft
P568006RA TRIPPLITE-P568006RA Datasheet
483Kb / 2P
High Speed HDMI Cable with 1 Right Angle Connector, Digital Video with Audio (M-M), 6-ft
P568006RA2 TRIPPLITE-P568006RA2 Datasheet
480Kb / 2P
High Speed HDMI Cable with 2 Right Angle Connectors, Digital Video with Audio (M-M), 6-ft
P568006SW TRIPPLITE-P568006SW Datasheet
492Kb / 2P
High Speed HDMI Cable with Swivel Connectors,Digital Video with Audio (M-M), 6-ft
More results

Similar Description - P568006WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568-006 TRIPPLITE-P568-006 Datasheet
490Kb / 4P
High Speed HDMI Cable, Digital Video with Audio (M/M) 6-ft
P568003WH TRIPPLITE-P568003WH Datasheet
487Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), White, 3-ft
P568006 TRIPPLITE-P568006 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), Black, 6-ft
P568006FL TRIPPLITE-P568006FL Datasheet
481Kb / 2P
High Speed HDMI Flat Cable, Digital Video with Audio (M-M), 6-ft
P568010 TRIPPLITE-P568010 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 10-ft
P568012 TRIPPLITE-P568012 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 12-ft
P568025 TRIPPLITE-P568025 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 25-ft
P569006 TRIPPLITE-P569006 Datasheet
483Kb / 2P
High Speed HDMI Cable with Ethernet, Digital Video with Audio (M-M), 6-ft
P572006 TRIPPLITE-P572006 Datasheet
475Kb / 2P
High Speed Mini-HDMI Cable, Digital Video with Audio (M-M), 6-ft
P572-006 TRIPPLITE-P572-006 Datasheet
155Kb / 2P
High Speed Mini-HDMI Cable, Digital Video with Audio (M/M), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com