Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2903 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2903
Description  140 MHz Elliptic Bandpass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2903 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2903 Datasheet HTML 1Page - KR Electronics, Inc. 2903 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
2903, 140 MHz Bandpass, Rev0, April 21, 2009
CH2
S31
LOG
1 dB/
REF 0 dB
Cor
CH4
S31
DEL
5 ns/
REF 25 ns
START
100 . 000
000
MHz
STOP
180 . 000
000
MHz
Cor
Smo
21 Apr 2009 11:28:43
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
10 . 000
000
MHz
STOP
1 000 . 000
000
MHz
Avg
16
21 Apr 2009 11:32:26
KR Electronics
KR 2903 is a 140 MHz group delay equalized elliptic bandpass
filter. The filter has a minimum 2 dB bandwidth of 80 MHz.
Other center frequencies and bandwidths available. Please con-
sult the factory.
General Description
KR Electronics, Inc.
Features
 140 MHz Elliptic Bandpass
 80 MHz minimum 2 dB Bandwidth
 Group Delay Equalized
 SMA Connectors
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2903

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2903-S KR-2903-S Datasheet
40Kb / 2P
140 MHz Elliptic Bandpass
logo
PHOENIX CONTACT
2903000 PHOENIX-2903000 Datasheet
71Kb / 5P
Power supply unit - UNO-PS/1AC/15DC/30W
2903001 PHOENIX-2903001 Datasheet
70Kb / 5P
Power supply unit - UNO-PS/1AC/15DC/ 55W
2903002 PHOENIX-2903002 Datasheet
78Kb / 5P
Power supply unit - UNO-PS/1AC/15DC/100W
2903008 PHOENIX-2903008 Datasheet
95Kb / 5P
Solid-state relays - ST-OV3- 12DC/ 60DC/3
More results

Similar Description - 2903

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2839 KR-2839 Datasheet
59Kb / 3P
25 MHz elliptic bandpass filter
2915 KR-2915 Datasheet
62Kb / 2P
60 MHz elliptic bandpass filter
2903-S KR-2903-S Datasheet
40Kb / 2P
140 MHz Elliptic Bandpass
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
140 MHz Bandpass Filter
2451-S KR-2451-S Datasheet
48Kb / 2P
140 MHz Bandpass
2980 KR-2980 Datasheet
48Kb / 3P
140 MHz Bandpass Filter
3030-140-5 KR-3030-140-5 Datasheet
58Kb / 3P
140 MHz Bandpass
3030-140-5-SMA KR-3030-140-5-SMA Datasheet
100Kb / 3P
140 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
140 MHz Bandpass
3030-140-40 KR-3030-140-40 Datasheet
57Kb / 3P
140 MHz Bandpass
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com