Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2889 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2889
Description  21.4 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2889 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2889 Datasheet HTML 1Page - KR Electronics, Inc. 2889 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
Cor
CH4
S31
DEL
50 ns/
REF 150 ns
CENTER
21 . 400
000
MHz
SPAN
5 . 000
000
MHz
Cor
Smo
26 Jan 2009 11:53:05
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
1 000 . 000
000
MHz
26 Jan 2009 11:59:57
KR Electronics
KR 2889 is a 21.4 MHz bandpass filter. The filter has a mini-
mum 1 dB bandwidth of 3 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 21.4 MHz Center Frequency
 1 dB Bandwith 3.8 MHz typical
 Surface Mount
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 50 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2889

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
2889 MULTICOMP-2889 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
More results

Similar Description - 2889

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2888 KR-2888 Datasheet
36Kb / 2P
21.4 MHz Center Frequency
logo
Vectron International, ...
LC21-4-2-0-07 VECTRON-LC21-4-2-0-07 Datasheet
35Kb / 1P
Nominal centre frequency fo: 21.4 MHz
LC21-4-5-0-04 VECTRON-LC21-4-5-0-04 Datasheet
25Kb / 1P
Nominal centre frequency fo: 21.4 MHz
MQF21-4-0250-04 VECTRON-MQF21-4-0250-04 Datasheet
23Kb / 1P
Nominal centre frequency fo: 21.4 MHz
MQF21-4-0750-23 VECTRON-MQF21-4-0750-23 Datasheet
23Kb / 1P
Nominal centre frequency fo: 21.4 MHz
MQF21-4-1000-15 VECTRON-MQF21-4-1000-15 Datasheet
34Kb / 1P
Nominal centre frequency fo: 21.4 MHz
MQF21-4-1500-02 VECTRON-MQF21-4-1500-02 Datasheet
66Kb / 1P
Nominal centre frequency fo: 21.4 MHz
MQF21-4-1500-06 VECTRON-MQF21-4-1500-06 Datasheet
24Kb / 1P
Nominal centre frequency fo: 21.4 MHz
MQF21-4-1500-09 VECTRON-MQF21-4-1500-09 Datasheet
23Kb / 1P
Nominal centre frequency fo: 21.4 MHz
MQF21-4-1500-83 VECTRON-MQF21-4-1500-83 Datasheet
61Kb / 1P
Nominal centre frequency fo: 21.4 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com