Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2884 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2884
Description  Sharp Transition to Stopband
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2884 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2884 Datasheet HTML 1Page - KR Electronics, Inc. 2884 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
START
. 030
000
MHz
STOP
11 . 000
000
MHz
Cor
CH4
S31
DEL
100 ns/
REF 0 s
Cor
12 Feb 2009 13:13:30
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
1 000 . 000
000
MHz
12 Feb 2009 13:14:47
KR Electronics
KR 2884+ is a 11 MHz lowpass filter. The filter has a minimum
of 50 dB attenuation by 12 MHz . Other passband frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 Sharp Transition to Stopband
 >50 dB Stopband
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 100 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2884

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2884 ADAFRUIT-2884 Datasheet
241Kb / 3P
FeatherWing Proto - Prototyping Add-on For All Feather Boards
12/2/2015
logo
Multicomp Pro
2884 MULTICOMP-2884 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
KR Electronics, Inc.
2884-SMA KR-2884-SMA Datasheet
98Kb / 3P
11 MHz Lowpass Filter
logo
Campbell Scientific Uni...
28840 CAMPBELL-28840 Datasheet
2Mb / 2P
GPS Receiver
November 2, 2016
logo
PHOENIX CONTACT
2884033 PHOENIX-2884033 Datasheet
89Kb / 7P
Media module - FL IF 2FX ST-D
09/12/2020
More results

Similar Description - 2884

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-32C GLENAIR-M24758-32C Datasheet
192Kb / 2P
Transition
logo
KR Electronics, Inc.
3094-1 KR-3094-1 Datasheet
68Kb / 3P
124 MHz Highpass Filter Sharp Transition to the Stopband 70 dB min at 110 MHz
2810-S KR-2810-S Datasheet
49Kb / 2P
Sharp Transition to Stopband
2778 KR-2778 Datasheet
50Kb / 2P
Sharp Transition to Stopband
2776 KR-2776 Datasheet
50Kb / 2P
Sharp Transition to Stopband
2757-1 KR-2757-1 Datasheet
36Kb / 2P
Sharp Transition to Stopband
2722-1 KR-2722-1 Datasheet
49Kb / 2P
Sharp Transition to Stopband
logo
List of Unclassifed Man...
6AU6 ETC1-6AU6 Datasheet
467Kb / 7P
Sharp-Cutoff Pentode
logo
Kingston Technology Far...
DT100G3 KINGSTON-DT100G3 Datasheet
371Kb / 2P
An affordable transition to USB 3.0.
logo
NXP Semiconductors
EF184 PHILIPS-EF184 Datasheet
582Kb / 15P
SHARP CUT-OFF PENTODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com