Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS318 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS318
Description  N-Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS318 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS318_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS318_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS318_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMS318
220mA, 50V, RDS(ON) 3.5 
N-Channel Enhancement MOSFET
27-Sep-2013 Rev. E
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Off Characteristics
2
Drain-Source Breakdown Voltage
V(BR)DSS
50
-
-
V
VGS = 0, ID = 250μA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VGS=±20V, VDS =0
-
-
0.5
μA
VGS=0, VDS =50V
Zero Gate Voltage Drain Current
IDSS
100
nA
VGS=0, VDS =30V
On Characteristics
2
Gate Threshold Voltage
1
VGS(th)
0.8
-
1.5
V
VDS = VGS, ID =1mA
-
-
3.5
VGS=10V, ID =0.22A
Static Drain-Source On Resistance
1
RDS(ON)
-
-
6
Ω
VGS=4.5V, ID =0.22A
Forward Transconductance
1
gFS
120
-
-
mS
VDS=10V,,ID =0.22A
Dynamic Characteristics
2
Input Capacitance
Ciss
-
27
-
Output Capacitance
Coss
-
13
-
Reverse Transfer Capacitance
Crss
-
6
-
pF
VDS=25V,
VGS=0,
f=1MHz
Switching Characteristics
Turn-On Delay Time
1,2
td(ON)
-
-
5
Rise time
1,2
tr
-
-
18
Turn-Off Delay Time
1,2
td(OFF)
-
-
36
Fall time
1,2
tr
-
-
14
nS
VDD=30V,
VDS=10V,
ID=0.29A,
RGEN=6Ω,
Drain-source body diode characteristics
Body diode forward voltage
1
VSD
-
-
1.4
V
VGS=0, IS =0.44A
Notes:
1.
Pulse Test ; Pulse Width ≤300μs, Duty Cycle ≤2%.
2.
These parameters have no way to verify.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com