Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS3400A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS3400A
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS3400A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS3400A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS3400A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS3400A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMS3400A
5.8A , 30V , RDS(ON) 32 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
06-Jan-2014 Rev.A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
3
VGS(th)
0.7
-
1.4
V
VDS=VGS, ID=250µA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V, VDS=0
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=24V, VGS=0
Forward Transconductance
3
gfs
8
-
-
S
VDS=5V, ID=5A
Diode Forward Voltage
3
VSD
-
-
1
V
IS=1A, VGS=0
-
-
32
VDS=10V, ID=5.8A
-
-
38
VGS=4.5V, ID=5A
Static Drain-Source On-Resistance
3
RDS(ON)
-
-
45
m
VGS=2.5V, ID=4A
Switching Parameters
4
Total Gate Charge
Qg
-
9.5
-
Gate-Source Charge
Qgs
-
1.5
-
Gate-Drain Change
Qgd
-
3
-
nC
ID=5.8A
VDS=15V
VGS=4.5V
Input Capacitance
Ciss
-
1155
-
Output Capacitance
Coss
-
108
-
Reverse Transfer Capacitance
Crss
-
84
-
pF
VGS =0
VDS=15V
f =1.0MHz
Turn-on Delay Time
Td(on)
-
5
-
Rise Time
Tr
-
7
-
Turn-off Delay Time
Td(off)
-
40
-
Fall Time
Tf
-
6
-
nS
VDS=15V
VGS=10V
RGEN=3
RL=2.7
Gate Resistance
Rg
-
-
3.6
VGS= VDS=0, f =1.0MHz
Note:
1.
Repetitive Rating : Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t < 5 sec.
3.
Pulse Test : Pulse Width≤300µs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com