Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B136004 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B136004
Description  4-Port Component Video plus Stereo Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B136004 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B136004 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B136004 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Splitter
Model Type
Component
Cable Types
CAT5/CAT5E
PHYSICAL
Optional Mounting Accessory Notes
Up to 3 B136-004 units can be mounted in 1U of rack space when using a B132-004-RB Extender/Splitter 19 in.
rackmount bracket
Unit Dimensions (hwd / in.)
1.1 x 5 x 4
Unit Dimensions (hwd / cm)
2.79 x 12.7 x 10.16
Unit Weight (lbs.)
1.1
Unit Weight (kg)
0.50
Included Mounting Accessories
Yes
Color
Black
CONNECTIONS
Side A - Connector 1
SOURCE: (x5) RCA Female
Side A - Connector 2
LOCAL: (x5) RCA Female
Side B - Connector 1
(x4) RJ45 Female
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com