Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ44NL Datasheet(PDF) 4 Page - International Rectifier

Part # IRFZ44NL
Description  Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44NL Datasheet(HTML) 4 Page - International Rectifier

  IRFZ44NL Datasheet HTML 1Page - International Rectifier IRFZ44NL Datasheet HTML 2Page - International Rectifier IRFZ44NL Datasheet HTML 3Page - International Rectifier IRFZ44NL Datasheet HTML 4Page - International Rectifier IRFZ44NL Datasheet HTML 5Page - International Rectifier IRFZ44NL Datasheet HTML 6Page - International Rectifier IRFZ44NL Datasheet HTML 7Page - International Rectifier IRFZ44NL Datasheet HTML 8Page - International Rectifier IRFZ44NL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRFZ44NS/IRFZ44NL
4
www.irf.com
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
500
1000
1500
2000
2500
1
1 0
100
DS
V
, D rain-to-S ourc e V oltage (V )
A
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
is s
g s
g d
d s
rs s
g d
o ss
d s
gd
C iss
C oss
C rss
0
4
8
12
16
20
0
1 0
2 0
3 04 0
5 06 07 0
Q
, T otal G ate C harge (nC )
G
A
F O R TE S T CIR C U IT
S EE F IGU R E 13
V
= 44 V
V
= 28 V
DS
DS
I
= 25 A
D
1
10
100
1000
0.5
1.0
1.5
2 .0
2.5
3.0
T = 25 °C
J
V
= 0V
GS
V
, S o u rce -to -D rain V o lta g e (V )
SD
A
T = 1 75 °C
J
1
10
100
1000
1
1 0
100
V
, D rain-to-S ource V oltage (V )
DS
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
10µ s
100µ s
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com