Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2929 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2929
Description  1 MHz Cuttoff Frquency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2929 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2929 Datasheet HTML 1Page - KR Electronics, Inc. 2929 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
2929, Rev 0, July 6, 2009
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
100 . 000
000
MHz
Avg
16
6 Jul 2009 16:35:53
CH2
S31
LOG
1 dB/
REF 0 dB
Cor
CH4
S31
DEL
500 ns/
REF 0 s
START
. 100
000
MHz
STOP
1 . 000
000
MHz
Cor
Smo
6 Jul 2009 16:34:46
2
4
KR Electronics, Inc.
KR Electronics part number 2929 is an elliptic type lowpass
filter. Other frequency are available.
General Description
KR Electronics, Inc.
Features
 1 MHz Cuttoff Frquency
 Flat passband response
 Elliptic Type Response
 50 Source & Load
Typical Performance
www.krfilters.com
Passband Response
(1 dB/div & 500 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2929

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2929 3M-2929 Datasheet
140Kb / 5P
3M™ General Use Duct Tape 2929
Feb-2013
logo
Tyco Electronics
292906-9 MACOM-292906-9 Datasheet
277Kb / 4P
RITS CONN & MEMORY BOARD
logo
Campbell Scientific Uni...
29291 CAMPBELL-29291 Datasheet
232Kb / 1P
Cable, RF320-Series Radio to AL200
06/17/2020
logo
Winchester Electronics ...
29293 WINCHESTER-29293 Datasheet
145Kb / 1P
POWER BUSS STRIPS 100 x 300 GRID
logo
Coilcraft lnc.
2929SQ COILCRAFT-2929SQ Datasheet
100Kb / 1P
Designer’s Kits
More results

Similar Description - 2929

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2923 KR-2923 Datasheet
51Kb / 3P
110 MHz Cuttoff Frequency
2922 KR-2922 Datasheet
51Kb / 3P
114 MHz Cuttoff Frequency
2912 KR-2912 Datasheet
43Kb / 2P
45 MHz Cuttoff Frequency
2928-1 KR-2928-1 Datasheet
46Kb / 2P
100 KHz Cuttoff Frquency
2928 KR-2928 Datasheet
47Kb / 2P
100 KHz Cuttoff Frquency
2391A-6-50 KR-2391A-6-50 Datasheet
35Kb / 2P
6 MHz Cuttoff Frquency
2391A-16-50 KR-2391A-16-50 Datasheet
35Kb / 2P
16 MHz Cuttoff Frquency
2391B-9-50 KR-2391B-9-50 Datasheet
45Kb / 2P
9 MHz Cuttoff Frquency
2391B-18-50 KR-2391B-18-50 Datasheet
47Kb / 2P
18 MHz Cuttoff Frquency
2923-SMA KR-2923-SMA Datasheet
98Kb / 3P
110 MHz Cuttoff Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com