Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC40KD Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4PC40KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC40KD Datasheet(HTML) 2 Page - International Rectifier

  IRG4PC40KD Datasheet HTML 1Page - International Rectifier IRG4PC40KD Datasheet HTML 2Page - International Rectifier IRG4PC40KD Datasheet HTML 3Page - International Rectifier IRG4PC40KD Datasheet HTML 4Page - International Rectifier IRG4PC40KD Datasheet HTML 5Page - International Rectifier IRG4PC40KD Datasheet HTML 6Page - International Rectifier IRG4PC40KD Datasheet HTML 7Page - International Rectifier IRG4PC40KD Datasheet HTML 8Page - International Rectifier IRG4PC40KD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4PC40KD
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
—
120
180
IC = 25A
Qge
Gate - Emitter Charge (turn-on)
—
16
24
nC
VCC = 400V
See Fig.8
Qgc
Gate - Collector Charge (turn-on)
—
51
77
VGE = 15V
td(on)
Turn-On Delay Time
—
53
—
tr
Rise Time
—
33
—
TJ = 25°C
td(off)
Turn-Off Delay Time
—
110
160
IC = 25A, VCC = 480V
tf
Fall Time
—
100
150
VGE = 15V, RG = 10Ω
Eon
Turn-On Switching Loss
—
0.95
—
Energy losses include "tail"
Eoff
Turn-Off Switching Loss
—
0.76
—
mJ
See Fig. 9,10,14
Ets
Total Switching Loss
—
1.71
2.3
tsc
Short Circuit Withstand Time
10
——
µs
VCC = 360V, TJ = 125°C
VGE = 15V, RG = 10Ω , VCPK < 500V
td(on)
Turn-On Delay Time
—
52
—
TJ = 150°C,
tr
Rise Time
—
37
—
IC = 25A, VCC = 480V
td(off)
Turn-Off Delay Time
—
220
—
VGE = 15V, RG = 10Ω
tf
Fall Time
—
140
—
Energy losses include "tail"
Ets
Total Switching Loss
—
2.67
—
mJ
See Fig. 11,14
LE
Internal Emitter Inductance
—
13
—
nH
Measured 5mm from package
Cies
Input Capacitance
—
1600
—
VGE = 0V
Coes
Output Capacitance
—
130
—
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
—
55
—ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
—
42
60
ns
TJ = 25°C
See Fig.
—
74
120
TJ = 125°C
14
IF = 15A
Irr
Diode Peak Reverse Recovery Current
—
4.0
6.0
A
TJ = 25°C
See Fig.
—
6.5
10
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
—
80
180
nC
TJ = 25°C
See Fig.
—
220
600
TJ = 125°C
16
di/dt = 200Aµs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
—
188
—
A/µs
TJ = 25°C
See Fig.
During tb
—
160
—
TJ = 125°C
17
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
S
600
——
VVGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
—
0.46
—
V/°CVGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
—
2.10
2.6
IC = 25A
VGE = 15V
—
2.70
—
VIC = 42A
See Fig. 2, 5
—
2.14
—
IC = 25A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
—
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
—
-13
—
mV/°CVCE = VGE, IC = 250µA
gfe
Forward Transconductance
T
7.0
14
—
SVCE = 100V, IC = 25A
ICES
Zero Gate Voltage Collector Current
——
250
µA
VGE = 0V, VCE = 600V
——
3500
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
—
1.3
1.7
V
IC = 15A
See Fig. 13
—
1.2
1.6
IC = 15A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
——
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com