Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC40U Datasheet(PDF) 2 Page - International Rectifier

Part # G4PC40U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC40U Datasheet(HTML) 2 Page - International Rectifier

  G4PC40U Datasheet HTML 1Page - International Rectifier G4PC40U Datasheet HTML 2Page - International Rectifier G4PC40U Datasheet HTML 3Page - International Rectifier G4PC40U Datasheet HTML 4Page - International Rectifier G4PC40U Datasheet HTML 5Page - International Rectifier G4PC40U Datasheet HTML 6Page - International Rectifier G4PC40U Datasheet HTML 7Page - International Rectifier G4PC40U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRG4PC40U
2
www.irf.com
Notes:
Q Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature. ( See fig. 13b )
R VCC = 80%(VCES), VGE = 20V, L = 10µH, RG = 10Ω,
(See fig. 13a)
S Repetitive rating; pulse width limited by maximum
junction temperature.
T Pulse width ≤ 80µs; duty factor ≤ 0.1%.
U Pulse width 5.0µs, single shot.
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
----
100
150
IC = 20A
Qge
Gate - Emitter Charge (turn-on)
----
16
25
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
----
40
60
VGE = 15V
td(on)
Turn-On Delay Time
----
34
----
TJ = 25°C
tr
Rise Time
----
19
----
ns
IC = 20A, VCC = 480V
td(off)
Turn-Off Delay Time
----
110
175
VGE = 15V, RG = 10Ω
tf
Fall Time
----
120
180
Energy losses include "tail"
Eon
Turn-On Switching Loss
----
0.32
----
Eoff
Turn-Off Switching Loss
----
0.35
----
mJ
See Fig. 10, 11, 13, 14
Ets
Total Switching Loss
----
0.67
1.0
td(on)
Turn-On Delay Time
----
30
----
TJ = 150°C,
tr
Rise Time
----
19
----
ns
IC = 20A, VCC = 480V
td(off)
Turn-Off Delay Time
----
220
----
VGE = 15V, RG = 10Ω
tf
Fall Time
----
160
----
Energy losses include "tail"
Ets
Total Switching Loss
----
1.4
----
mJ
See Fig. 13, 14
LE
Internal Emitter Inductance
----
13
----
nH
Measured 5mm from package
Cies
Input Capacitance
----
2100
----
VGE = 0V
Coes
Output Capacitance
----
140
----
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
----
34
----
ƒ = 1.0MHz
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
----
----
V
VGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
T
18
----
----
V
VGE = 0V, IC = 1.0A
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage ---- 0.63 ----
V/°CVGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
----
1.72
2.1
IC = 20A
VGE = 15V
----
2.15
----
V
IC = 40A
----
1.7
----
IC = 20A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
----
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage ----
-13
---- mV/°CVCE = VGE, IC = 250µA
gfe
Forward Transconductance
U
11
18
----
S
VCE = 100V, IC = 20A
----
----
250
VGE = 0V, VCE = 600V
ICES
Zero Gate Voltage Collector Current
----
----
2.0
µ A
VGE = 0V, VCE = 10V, TJ = 25°C
----
----
2500
VGE = 0V, VCE = 600V, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
----
----
±100
n A
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
See Fig. 2, 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com